Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG526AKPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADG526AKPZ
Description  CMOS Latched 8-/16-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG526AKPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG526AKPZ Datasheet HTML 3Page - Analog Devices ADG526AKPZ Datasheet HTML 4Page - Analog Devices ADG526AKPZ Datasheet HTML 5Page - Analog Devices ADG526AKPZ Datasheet HTML 6Page - Analog Devices ADG526AKPZ Datasheet HTML 7Page - Analog Devices ADG526AKPZ Datasheet HTML 8Page - Analog Devices ADG526AKPZ Datasheet HTML 9Page - Analog Devices ADG526AKPZ Datasheet HTML 10Page - Analog Devices ADG526AKPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG526A/ADG527A
Rev. C | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
44 V
VDD to GND
25 V
VSS to GND
−25 V
Analog Inputs1
Voltage at Sx or Dx Pins
VSS − 2 V to VDD + 2 V
or 20 mA, whichever
occurs first
Continuous Current, Sx or Dx Pins
20 mA
Pulsed Current, Sx or Dx Pins
1 ms Duration, 10% Duty Cycle
40 mA
Digital Inputs1
Voltage at A, EN, WR, RS
VSS
− 4 V to VDD + 4 V
or 20 mA, whichever
occurs first
Power Dissipation (Any Package)
Up to 75°C
470 mW
Derates Above 75°C
6 mW/°C
Operating Temperature Range
Commercial (K Version)
−40°C to +85°C
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
1 Overvoltage at A, EN, WR, RS, Sx, or Dx pins are clamped by diodes. Limit
current to the maximum rating in
.
Table 3
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADG526AKPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG526AKP AD-ADG526AKP Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
More results

Similar Description - ADG526AKPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-8971001XA AD-5962-8971001XA Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
ADG527A AD-ADG527A_15 Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG528A AD-ADG528A_04 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKPZ AD-ADG528AKPZ Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKNZ AD-ADG528AKNZ Datasheet
146Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A Datasheet
673Kb / 8P
   CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com