Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3689 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA3689
Description  12.5-30GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3689 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHA3689 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3689 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3689 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3689 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3689 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3689 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3689 Datasheet HTML 8Page - United Monolithic Semiconductors CHA3689 Datasheet HTML 9Page - United Monolithic Semiconductors CHA3689 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CHA3689
12.5-30GHz Low Noise Amplifier
Ref. : DSCHA36897082 - 23 Mar 07
8/10
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Gain and Return Losses @ 120 mA (BD grounded)
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
Frequency (GHz)
T y p ic a l O u tp u t P o w e r -1 d B @ 9 0 m A a n d 1 2 0 m A
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
1 0
1 2
1 4
1 6
1 8
2 0
2 2
2 4
2 6
2 8
3 0
3 2
F r e q u e n c y (G H z )
120 mA
90 mA
S21
S22
S11


Similar Part No. - CHA3689

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3689-99F UMS-CHA3689-99F Datasheet
682Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
   12.5-30GHz Low Noise Amplifier
More results

Similar Description - CHA3689

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA3688AQDG UMS-CHA3688AQDG Datasheet
473Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA3688AQDG UMS-CHA3688AQDG_15 Datasheet
878Kb / 18P
   12.5-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
   20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_15 Datasheet
128Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2069-QDG UMS-CHA2069-QDG Datasheet
439Kb / 18P
   18-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
   20-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com