Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA3693-QDG Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA3693-QDG
Description  20-30GHz Medium Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3693-QDG Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHA3693-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHA3693-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHA3693-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHA3693-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHA3693-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHA3693-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHA3693-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHA3693-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHA3693-QDG Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CHA3693-QDG
20-30GHz Medium Power Amplifier
Ref.: DSCHA3693-QDG7268 - 25 Sep 07
6/10
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
CW Power Measurements
Pout, Gain & Id versus Pin (Freq=20.5GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
-20
-15
-10
-5
0
5
Pin(dBm)
0
100
200
300
400
500
600
POUT, Gain & Id versus Pin (F=25.5 GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
-20
-15
-10
-5
0
5
Pin (dBm)
0
100
200
300
400
500
600
Pout , Gain & Id versus Pin ( F=29.5 GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
-20
-15
-10
-5
0
5
Pin(dBm)
0
100
200
300
400
500
600


Similar Part No. - CHA3693-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3694 UMS-CHA3694 Datasheet
569Kb / 12P
   31-40GHz Variable Gain Amplifier
CHA3694 UMS-CHA3694 Datasheet
327Kb / 12P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
419Kb / 10P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG Datasheet
513Kb / 16P
   31-40GHz Variable Gain Amplifier
CHA3694-QDG UMS-CHA3694-QDG_15 Datasheet
513Kb / 16P
   31-40GHz Variable Gain Amplifier
More results

Similar Description - CHA3693-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
   24-30GHz Medium Power Amplifier
CHA5390 UMS-CHA5390 Datasheet
177Kb / 8P
   24-30GHz Medium Power Amplifier
CHA4092REF UMS-CHA4092REF Datasheet
66Kb / 4P
   20-30GHz High Power Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
   20-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_15 Datasheet
128Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
   20-30GHz Low Noise Amplifier
CHA2093RBF UMS-CHA2093RBF Datasheet
186Kb / 8P
   20-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com