Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1860CMS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1860CMS8
Description  mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860CMS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1860CMS8 Datasheet HTML 1Page - Linear Technology LTC1860CMS8 Datasheet HTML 2Page - Linear Technology LTC1860CMS8 Datasheet HTML 3Page - Linear Technology LTC1860CMS8 Datasheet HTML 4Page - Linear Technology LTC1860CMS8 Datasheet HTML 5Page - Linear Technology LTC1860CMS8 Datasheet HTML 6Page - Linear Technology LTC1860CMS8 Datasheet HTML 7Page - Linear Technology LTC1860CMS8 Datasheet HTML 8Page - Linear Technology LTC1860CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1860/LTC1861
18601f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: Integral nonlinearity is defined as deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 4: Channel leakage current is measured while the part is in sample
mode.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time (See Figure 1)
q
2.75
3.2
µs
fSMPL(MAX) Maximum Sampling Frequency
q
250
kHz
tdDO
Delay Time, SCK
↓ to SDO Data Valid
CLOAD = 20pF
15
20
ns
q
25
ns
tdis
Delay Time, CONV
↑ to SDO Hi-Z
q
30
60
ns
ten
Delay Time, CONV
↓to SDO Enabled
CLOAD = 20pF
q
30
60
ns
thDO
Time Output Data Remains
CLOAD = 20pF
q
510
ns
Valid After SCK
tr
SDO Rise Time
CLOAD = 20pF
8
ns
tf
SDO Fall Time
CLOAD = 20pF
4
ns
The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are TA = 25°C. VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating
Conditions, unless otherwise noted.
TI I G CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Sampling
Frequency
Supply Current vs Temperature
Sleep Current vs Temperature
SAMPLING FREQUENCY (kHz)
0.01
1000
100
10
1
0.1
0.01
100
1860/61 G01
0.1
1.0
10
1000
CONV LOW = 800ns
T
A = 25°C
VCC = 5V
TEMPERATURE (
°C)
–50
1000
800
600
400
200
0
0
50
75
1860/61 G02
–25
25
100
125
CONV HIGH = 3.2
µS
fSMPL = 250kHz
VCC = 5V
VREF = 5V
TEMPERATURE (
°C)
–50
1000
900
800
700
600
500
400
300
200
100
0
0
50
75
1860/61 G03
–25
25
100
125
CONV = VCC = 5V


Similar Part No. - LTC1860CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860CMS8 LINER-LTC1860CMS8 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860CMS8-PBF LINER-LTC1860CMS8-PBF Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860CMS8-TRPBF LINER-LTC1860CMS8-TRPBF Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1860CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com