Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMB962A3011351018 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RMB962A3011351018
Description  miniature relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RMB962A3011351018 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RMB962A3011351018 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMB962A3011351018 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMB962A3011351018 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.relpol.com.pl
Export Sales Department Phone +48 68 47 90 832 • Marketing Department Phone +48 68 47 90 900
RMB962
miniature relays
see Table 1 page 2
Examples of ordering codes:
RMB962A-3011-35-1012
bistable relay RMB962 with two coils, contact material AgSnO2, with one changeover
contact - raster type A (3,2 mm), in cover IP 67, for PCB, voltage version 12 V DC
RMB962A-3021-35-1012
bistable relay RMB962 with two coils, contact material AgSnO2, with one normally open
contact - raster type A (5,0 mm), in cover IP 67,
for PCB, voltage version 12 V DC
Ordering codes
Type
Contact
material
Number and type
of contacts
Cover protection
category
Connection
mode
Coil code
Contact material
10 - AgCdO
12 - AgCdO/Au 3,5 µm
30 - AgSnO2
Number and type of contacts
11 - 1 C/O
21 - 1 NO
Cover protection category
3 - in cover, IP 67 waterproof version
Connection mode
5 - for PCB
Type of raster
Coil type
2 - bistable, two coils
Type of raster ❶
A - 3,2 / 5,0 mm raster
Relays with other
rasters available
- contact Relpol S.A.
3


Similar Part No. - RMB962A3011351018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMB VISHAY-RMB Datasheet
203Kb / 2P
   Molded Precision Wirewound Resistors Axial Leads
Revision: 23-Sep-13
RMB VISHAY-RMB Datasheet
100Kb / 4P
   Molded Precision Wirewound Resistors Axial Leads
Revision: 23-Sep-13
logo
RAYEX ELECTRONICS CO., ...
RMB RAYEX-RMB Datasheet
594Kb / 2P
   RMB SERIES
RMB-12 RAYEX-RMB-12 Datasheet
594Kb / 2P
   RMB SERIES
logo
Vishay Siliconix
RMB0.75 VISHAY-RMB0.75 Datasheet
203Kb / 2P
   Molded Precision Wirewound Resistors Axial Leads
Revision: 23-Sep-13
More results

Similar Description - RMB962A3011351018

ManufacturerPart #DatasheetDescription
logo
NEC
EU2 NEC-EU2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Willow Technologies Ltd
SERIESE WILLOW-SERIESE Datasheet
1Mb / 2P
   Miniature Relays
logo
Altech corporation
RM84-2012 ALTECH-RM84-2012 Datasheet
1Mb / 8P
   Miniature Electromagnetic Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
Coto Technology
9011 COTO-9011 Datasheet
94Kb / 2P
   Miniature SIP Relays
logo
Kemet Corporation
UC2 KEMET-UC2 Datasheet
1Mb / 16P
   Miniature Signal Relays
2/2/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com