Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K0152-K60 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # K0152-K60
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K0152-K60 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button K0152-K60 Datasheet HTML 9Page - List of Unclassifed Manufacturers K0152-K60 Datasheet HTML 10Page - List of Unclassifed Manufacturers K0152-K60 Datasheet HTML 11Page - List of Unclassifed Manufacturers K0152-K60 Datasheet HTML 12Page - List of Unclassifed Manufacturers K0152-K60 Datasheet HTML 13Page - List of Unclassifed Manufacturers K0152-K60 Datasheet HTML 14Page - List of Unclassifed Manufacturers K0152-K60 Datasheet HTML 15Page - List of Unclassifed Manufacturers K0152-K60 Datasheet HTML 16Page - List of Unclassifed Manufacturers K0152-K60 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
164
Siemens Matsushita Components
Chip capacitors (X7R)
Tape packaging in acc. with IEC 286-3:
Sizes 0603 to 1210 in 8-mm tape
(cardboard tape = code "60", blister tape = code "62")
Silver/nickel/tin termination
Sizes 1812 and 2220 in 12-mm blister tape
Silver palladium termination
Ceramic material
X7R
Rated voltage
VR
25 Vdc, 50 Vdc
IEC climatic category
55/125/56
Max. rel. capacitance
change
∆C/C
25
± 15 %
Dissipation factor tan
δ< 25 · 10–3
Insulation resistance
Ris (at 25 ˚C)
> 105 MΩ or
Time constant
τ (C
R · R
is; at 25 ˚C)
> 1000 s
(whichever is lower)
CR
nF
Ordering code
Min.
qty.
Max.
qty.
B37941;
VR = 25 Vdc
Size 0805
Capacitance tolerance
± 10 %
68
B37941-K0683-K60
8000 40000
100
B37941-K0104-K62
6000 30000
B37872;
VR = 25 Vdc
Size 1206
Capacitance tolerance
± 10 %
220
B37872-K0224-K62
6000 30000
CR
nF
Ordering code
Min.
qty.
Max.
qty.
B37931;
VR = 50 Vdc
Size 0603
Capacitance tolerance
± 10 %
220 pF
B37931-K5221-K60
8000 40000
330 pF
B37931-K5331-K60
8000 40000
470 pF
B37931-K5471-K60
8000 40000
680 pF
B37931-K5681-K60
8000 40000
1,0
B37931-K5102-K60
8000 40000
1,5
B37931-K5152-K60
8000 40000
2,2
B37931-K5222-K60
8000 40000
3,3
B37931-K5332-K60
8000 40000
4,7
B37931-K5472-K60
8000 40000
6,8
B37931-K5682-K60
8000 40000
10
B37931-K5103-K60
8000 40000
Termination
Dimensions in mm
Size
Ib
s
k 1)
0603
1,6
± 0,15 0,8 ± 0,1 0,8 ± 0,1
0,3
0805
2,0
± 0,2
1,25
± 0,15 1,3 max.
0,5
1206
3,2
± 0,2
1,6
± 0,15 1,3 max.
0,5
1210
3,2
± 0,3
2,5
± 0,3 1,3 max.
0,5
1812
4,5
± 0,3
3,2
± 0,3 1,3 max.
0,5
2220
5,7
± 0,4
5,0
± 0,4 1,3 max.
0,5
1) Tolerance as per CECC 32 101-801
=
Multilayer Ceramic Capacitors


Similar Part No. - K0152-K60

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K015-050 EICHHOFF-K015-050 Datasheet
72Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K015-050/502 EICHHOFF-K015-050/502 Datasheet
72Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K015-150/502 EICHHOFF-K015-150/502 Datasheet
72Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K015-250/502 EICHHOFF-K015-250/502 Datasheet
72Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
K015-350/502 EICHHOFF-K015-350/502 Datasheet
72Kb / 1P
   TWO-POLE RADIO INTERFERENCE SUPPRESSION CAPACITORS
More results

Similar Description - K0152-K60

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com