Selected language     English  ▼


K0103-K60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. K0103-K60
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
Siemens Matsushita Components
27
Features
q
High volumetric efficiency
q
Non-linear capacitance change
q
High insulation resistance
q
High pulse strength
Applications
q
Blocking
q
Coupling
q
Decoupling
q
Interference suppression
Terminations
q
For soldering:
Sizes 0402 through 1210:
silver/nickel/tin
Sizes 1812, 2220:
silver palladium
q
For conductive adhesion:
All sizes:
silver palladium
Packing
q
Blister and cardboard tape,
for details refer to chapter
“Taping and Packing”, page 111.
q
Bulk case for sizes 0603, 0805
and 1206, for details see page 114.
Maximum ratings
Climatic category
in accordance with IEC 68-1: 55/125/56
Dimensions (mm)
*) For bulk cases: 1,6
± 0,1
Tolerances in acc. with CECC 32101-801
Available capacitance tolerances
Standard tolerance in bold print
J tolerance not available for 16 V, 200 V and
500 V
Rated voltage values
VR = 16 V, 25 V, 50 V,100 V, 200 V, 500 V
Size
inch/mm
lb
s
k
0402/1005 1,0
± 0,10 0,50 ± 0,05 0,5 ± 0,05 0,2
0603/1608 1,6
± 0,15*) 0,80 ± 0,10 0,8 ± 0,10 0,3
0805/2012 2,0
± 0,20 1,25 ± 0,15 1,3 max.
0,5
1206/3216 3,2
± 0,20 1,60 ± 0,15 1,3 max.
0,5
1210/3225 3,2
± 0,30 2,50 ± 0,30 1,7 max.
0,5
1812/4532 4,5
± 0,30 3,20 ± 0,30 1,3 max.
0,5
2220/5750 5,7
± 0,40 5,00 ± 0,40 1,3 max
0,5
Tolerance
Symbol
∆C
R/CR = ±
5 %
∆C
R/CR = ± 10 %
∆C
R/CR = ± 20 %
J
K
M
KKE0272-V
s
b
k
k
l
Multilayer Chip Capacitors
X7R/B Characteristic
Jump to preceding page




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NMCMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMCY5VMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMCX5RMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-HMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NMCCVMultilayer Ceramic Chip Capacitors 1 2 3 4 NIC-Components Corp.
NMC-H1808Multilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-LMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-MMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-PMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NCAMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl