Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM680FU16FU-70S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EM680FU16FU-70S
Description  512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM680FU16FU-70S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EM680FU16FU-70S Datasheet HTML 1Page - List of Unclassifed Manufacturers EM680FU16FU-70S Datasheet HTML 2Page - List of Unclassifed Manufacturers EM680FU16FU-70S Datasheet HTML 3Page - List of Unclassifed Manufacturers EM680FU16FU-70S Datasheet HTML 4Page - List of Unclassifed Manufacturers EM680FU16FU-70S Datasheet HTML 5Page - List of Unclassifed Manufacturers EM680FU16FU-70S Datasheet HTML 6Page - List of Unclassifed Manufacturers EM680FU16FU-70S Datasheet HTML 7Page - List of Unclassifed Manufacturers EM680FU16FU-70S Datasheet HTML 8Page - List of Unclassifed Manufacturers EM680FU16FU-70S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EM681FV16AU Series
Low Power, 512Kx16 SRAM
5
Parameter
Symbol
45ns
55ns
70ns
Unit
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
45
-
55
-
70
-
ns
Address access time
tAA
-45
-
55
-70
ns
Chip select to output
tco
-45
-
55
-70
ns
Output enable to valid output
tOE
-30
-
35
-35
ns
UB, LB access time
tBA
45
55
70
ns
Chip select to low-Z output
tLZ
5-5-5-
ns
UB, LB enable to low-Z output
tBLZ
5-5-5-
ns
Output enable to low-Z output
tOLZ
5-5-5-
ns
Chip disable to high-Z output
tHZ
020
0
20
025
ns
UB, LB disable to how-Z output
tBHZ
020
0
20
025
ns
Output disable to high-Z output
tOHZ
020
0
20
025
ns
Output hold from address change
tOH
10
-
10
-
10
-
ns
Parameter
Symbol
45ns
55ns
70ns
Unit
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
45
-
55
-
70
-
ns
Chip select to end of write
tCW
45
-
45
-
60
-
ns
Address setup time
tAs
0-
0-
0-
ns
Address valid to end of write
tAW
45
-
45
-
60
-
ns
UB, LB valid to end of write
tBW
45
-
45
-
60
-
ns
Write pulse width
tWP
45
-
45
-
55
-
ns
Write recovery time
tWR
0-
0-
0-
ns
Write to ouput high-Z
tWHZ
020
0
20
025
ns
Data to write time overlap
tDW
25
30
30
ns
Data hold from write time
tDH
0-
0-
0-
ns
End write to output low-Z
tOW
5-
5
5
-
ns
READ CYCLE (Vcc =2.7 to 3.6V, Gnd = 0V, TA = -40
oC to +85oC)
WRITE CYCLE (Vcc =2.7 to 3.6V, Gnd = 0V, TA = -40
oC to +85oC)
AC OPERATING CONDITIONS
Test Conditions (Test Load and Test Input/Output Reference)
Input Pulse Level : 0.4 to 2.4V
Input Rise and Fall Time : 5ns
Input and Output reference Voltage : 1.5V
Output Load (See right) : CL1) = 100pF + 1 TTL (70nsec)
CL1) = 30pF + 1 TTL (45ns/55ns)
1. Including scope and Jig capacitance
2. R1=3070 ohm,
R2=3150 ohm
3. VTM=2.8V
4. CL = 5pF + 1 TTL (measurement with tLZ, tHZ, tOLZ, tOHZ, tWHZ)
CL1)
VTM
3)
R1
2)
R2
2)


Similar Part No. - EM680FU16FU-70S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM680FU16FU-70S ETC2-EM680FU16FU-70S Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM680FU16FU-70S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM681FU16 EMLSI-EM681FU16 Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Samsung semiconductor
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com