Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR041A561GAT Datasheet(PDF) 4 Page - AVX Corporation

Part # MR041A561GAT
Description  Radial Leads/Ceralam
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MR041A561GAT Datasheet(HTML) 4 Page - AVX Corporation

  MR041A561GAT Datasheet HTML 1Page - AVX Corporation MR041A561GAT Datasheet HTML 2Page - AVX Corporation MR041A561GAT Datasheet HTML 3Page - AVX Corporation MR041A561GAT Datasheet HTML 4Page - AVX Corporation MR041A561GAT Datasheet HTML 5Page - AVX Corporation MR041A561GAT Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
23
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
Radial Leads/Ceralam®
Z5U Dielectric
*Length, width and thickness dimensions are ±.254 mm (±.010"). Lead diameter is ±.05 mm (±.002"). Lead spacing is ±.381 mm (±.015).
= Industry preferred values
For trimmed leads see “How To Order”.
For other tolerances see “How To Order”.
For other voltages see “How To Order”.
AVX Style
MR04
MR05
MR06
MR07
MR08
Length*
4.83
4.83
7.36
12.44
12.44
(.190")
(.190")
(.290")
(.490")
(.490")
Width*
4.83
4.83
7.36
12.44
12.44
(.190")
(.190")
(.290")
(.490")
(.490")
Thickness*
2.28
2.28
2.28
3.55
6.09
(.090")
(.090")
(.090")
(.140")
(.240")
Lead*
2.54
5.08
5.08
10.16
10.16
Spacing
(.100")
(.200")
(.200")
(.400")
(.400")
Lead*
.635
.635
.635
.635
.635
Diameter
(.025")
(.025")
(.025")
(.025")
(.025")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
100
50
100
50
100
50
100
50
100
50
10,000
MR-----5E103ZAA
12,000
MR-----5E123ZAA
15,000
MR-----5E153ZAA
18,000
MR-----5E183ZAA
22,000
MR-----5E223ZAA
27,000
MR-----5E273ZAA
33,000
MR-----5E333ZAA
39,000
MR-----5E393ZAA
47,000
MR-----5E473ZAA
56,000
MR-----5E563ZAA
68,000
MR-----5E683ZAA
82,000
MR-----5E823ZAA
100,000
MR-----5E104ZAA
120,000
MR-----5E124ZAA
150,000
MR-----5E154ZAA
180,000
MR-----5E184ZAA
220,000
MR-----5E224ZAA
270,000
MR-----5E274ZAA
330,000
MR-----5E334ZAA
390,000
MR-----5E394ZAA
470,000
MR-----5E474ZAA
560,000
MR-----5E564ZAA
680,000
MR-----5E684ZAA
820,000
MR-----5E824ZAA
1.0 µF
MR-----5E105ZAA
1.2 µF
MR-----5E125ZAA
1.5 µF
MR-----5E155ZAA
1.8 µF
MR-----5E185ZAA
2.2 µF
MR-----5E225ZAA
2.7 µF
MR-----5E275ZAA
3.3 µF
MR-----5E335ZAA
3.9 µF
MR-----5E395ZAA
4.7 µF
MR-----5E475ZAA
5.6 µF
MR-----5E565ZAA
6.8 µF
MR-----5E685ZAA
8.2 µF
MR-----5E825ZAA
10.0 µF
MR-----5E106ZAA


Similar Part No. - MR041A561GAT

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
MR04W472-FBL WALSIN-MR04W472-FBL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
MR04W472-FDL WALSIN-MR04W472-FDL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
MR04W472-FGL WALSIN-MR04W472-FGL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
MR04W472-FQL WALSIN-MR04W472-FQL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
MR04W472-FTL WALSIN-MR04W472-FTL Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
More results

Similar Description - MR041A561GAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
   Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
logo
Frontier Electronics.
18402 FRONTIER-18402_15 Datasheet
141Kb / 2P
   RADIAL LEADS INDUCTORS
logo
AVX Corporation
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR215C104KAATR1 AVX-SR215C104KAATR1 Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com