Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08055A100DAT2A Datasheet(PDF) 7 Page - AVX Corporation

Part # 08055A100DAT2A
Description  Multilayer Ceramic Chip Capacitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055A100DAT2A Datasheet(HTML) 7 Page - AVX Corporation

Back Button 08055A100DAT2A Datasheet HTML 3Page - AVX Corporation 08055A100DAT2A Datasheet HTML 4Page - AVX Corporation 08055A100DAT2A Datasheet HTML 5Page - AVX Corporation 08055A100DAT2A Datasheet HTML 6Page - AVX Corporation 08055A100DAT2A Datasheet HTML 7Page - AVX Corporation 08055A100DAT2A Datasheet HTML 8Page - AVX Corporation 08055A100DAT2A Datasheet HTML 9Page - AVX Corporation 08055A100DAT2A Datasheet HTML 10Page - AVX Corporation 08055A100DAT2A Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
6
C0G (NP0) Dielectric
Capacitance Range
*Reflow soldering only.
NOTES: For higher voltage chips, see pages 20 and 21.
PREFERRED SIZES ARE SHADED
= Paper Tape
= Embossed Tape
SIZE
0402*
0504*
0603*
0805
1206
1505
Standard Reel
All Paper
All Embossed
All Paper
Paper/Embossed
Paper/Embossed
All Embossed
Packaging
(L) Length
MM
1.00 ± .10
1.27 ± .25
1.60 ± .15
2.01 ± .20
3.20 ± .20
3.81 ± .25
(in.)
(.040 ± .004)
(.050 ± .010)
(.063 ± .006)
(.079 ± .008)
(.126 ± .008)
(.150 ± .010)
(W) Width
MM
.50 ± .10
1.02 ± .25
.81 ± .15
1.25 ± .20
1.60 ± .20
1.27 ± .25
(in.)
(.020 ± .004)
(.040 ± .010)
(.032 ± .006)
(.049 ± .008)
(.063 ± .008)
(.050 ± .010)
(T) Max. Thickness
MM
.60
1.02
.90
1.30
1.50
1.27
(in.)
(.024)
(.040)
(.035)
(.051)
(.059)
(.050)
(t)
Terminal
MM
.25 ± .15
.38 ± .13
.35 ± .15
.50 ± .25
.50 ± .25
.50 ± .25
(in.)
(.010 ± .006)
(.015 ± .005)
(.014 ± .006)
(.020 ± .010)
(.020 ± .010)
(.020 ± .010)
WVDC
25
50
25
50
100
25
50
100
25
50
100
200
25
50
100
200
50
100
200
Cap
0.5
(pF)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
L
W
T
t


Similar Part No. - 08055A100DAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08055A100BAT2A AVX-08055A100BAT2A Datasheet
2Mb / 99P
   Ceramic Chip Capacitors
logo
Analog Devices
08055A100JAT2A AD-08055A100JAT2A Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

Similar Description - 08055A100DAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com