Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08053A102DAT2A Datasheet(PDF) 5 Page - AVX Corporation

Part # 08053A102DAT2A
Description  Multilayer Ceramic Chip Capacitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053A102DAT2A Datasheet(HTML) 5 Page - AVX Corporation

  08053A102DAT2A Datasheet HTML 1Page - AVX Corporation 08053A102DAT2A Datasheet HTML 2Page - AVX Corporation 08053A102DAT2A Datasheet HTML 3Page - AVX Corporation 08053A102DAT2A Datasheet HTML 4Page - AVX Corporation 08053A102DAT2A Datasheet HTML 5Page - AVX Corporation 08053A102DAT2A Datasheet HTML 6Page - AVX Corporation 08053A102DAT2A Datasheet HTML 7Page - AVX Corporation 08053A102DAT2A Datasheet HTML 8Page - AVX Corporation 08053A102DAT2A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
4
C0G (NP0) Dielectric
General Specifications
C0G (NP0) is the most popular formulation of the “tempera-
ture-compensating,” EIA Class I ceramic materials. Modern
C0G (NP0) formulations contain neodymium, samarium and
other rare earth oxides.
C0G (NP0) ceramics offer one of the most stable capacitor
dielectrics available. Capacitance change with temperature
is 0 ±30ppm/°C which is less than ±0.3%
∆ C from -55°C
to +125°C. Capacitance drift or hysteresis for C0G (NP0)
ceramics is negligible at less than ±0.05% versus up to
±2% for films. Typical capacitance change with life is less
than ±0.1% for C0G (NP0), one-fifth that shown by most
other dielectrics. C0G (NP0) formulations show no aging
characteristics.
The C0G (NP0) formulation usually has a “Q” in excess
of 1000 and shows little capacitance or “Q” changes with
frequency. Their dielectric absorption is typically less than
0.6% which is similar to mica and most films.
Capacitance Range
0.5 pF to .1 µF (1.0 ±0.2 Vrms, 1kHz, for
≤100 pF use 1 MHz)
Capacitance Tolerances
Preferred ±5%, ±10%
others available: ±.25 pF, ±.5 pF, ±1% (
≥25pF), ±2%(≥13pF), ±20%
For values
≤ 10 pF preferred tolerance is ±.5 pF, also available ±.25 pF.
Operating Temperature Range
-55°C to +125°C
Temperature Characteristic
0 ± 30 ppm/°C (EIA C0G)
Voltage Ratings
25, 50, 100 & 200 VDC (+125°C)
Dissipation Factor and “Q”
For values >30 pF: 0.1% max. (+25°C and +125°C)
For values
≤30 pF: “Q” = 400 + 20 x C (C in pF)
Insulation Resistance (+25°C, RVDC)
100,000 megohms min. or 1000 M
Ω - µF min., whichever is less
Insulation Resistance (+125°C, RVDC)
10,000 megohms min. or 100 M
Ω - µF min., whichever is less
Dielectric Strength
250% of rated voltage for 5 seconds at 50 mamp max. current
Test Voltage
1 ± 0.2 Vrms
Test Frequency
For values
≤100 pF: 1 MHz
For values >100 pF: 1 KHz
PERFORMANCE CHARACTERISTICS
0805
Size
(L" x W")
5
Voltage
25V = 3
50V = 5
100V = 1
200V = 2
A
Dielectric
C0G (NP0) = A
101
Capacitance
Code
J
Capacitance
Tolerance
Preferred
K = ±10%
J = ± 5%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Solder
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
PART NUMBER (see page 3 for complete part number explanation)


Similar Part No. - 08053A102DAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08053A101B72A AVX-08053A101B72A Datasheet
2Mb / 99P
   C0G (NP0) Dielectric
08053A101BA2A AVX-08053A101BA2A Datasheet
2Mb / 99P
   C0G (NP0) Dielectric
08053A101BA72A AVX-08053A101BA72A Datasheet
107Kb / 4P
   C0G Dielectric
08053A101BA72A AVX-08053A101BA72A Datasheet
88Kb / 4P
   C0G (NP0) Dielectric General Specifications
08053A101BA72A AVX-08053A101BA72A Datasheet
134Kb / 4P
   C0G (NP0) Dielectric
More results

Similar Description - 08053A102DAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com