Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A2187 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # Q65110A2187
Description  Hyper-Bright Low Current LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A2187 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button Q65110A2187 Datasheet HTML 3Page - OSRAM GmbH Q65110A2187 Datasheet HTML 4Page - OSRAM GmbH Q65110A2187 Datasheet HTML 5Page - OSRAM GmbH Q65110A2187 Datasheet HTML 6Page - OSRAM GmbH Q65110A2187 Datasheet HTML 7Page - OSRAM GmbH Q65110A2187 Datasheet HTML 8Page - OSRAM GmbH Q65110A2187 Datasheet HTML 9Page - OSRAM GmbH Q65110A2187 Datasheet HTML 10Page - OSRAM GmbH Q65110A2187 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LG T67K, LP T67K
2004-12-02
7
Durchlassstrom
2) Seite 15
Forward Current
2) page 15
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 15
Relative Luminous Intensity
2) 7) page 15
I
V/IV(2 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 15
Relative Luminous Intensity
2) page 15
I
V / IV(25 °C)= f (Tj); IF = 2 mA
V
OHL00802
1.4
10
-3
10
-2
10
-1
10
0
10
1
mA
10
2
IF
V
F
1.6
1.8
2.0
2.2
10
10
0
mA
1
10
I
F
2
OHL00801
V
V (2 mA)
I
10
2
I
10
-1
10
0
10
1
OHL00800
0
-60
T
I
V (25˚C)
I
V
-40 -20
0
20 40 60
˚C 100
0.5
1.0
1.5
2.0
3.0
j


Similar Part No. - Q65110A2187

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2187 OSRAM-Q65110A2187 Datasheet
441Kb / 19P
   Signal and Symbol Luminary
More results

Similar Description - Q65110A2187

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67K OSRAM-LST67K Datasheet
181Kb / 15P
   Hyper-Bright Low Current LED
LYE675 OSRAM-LYE675 Datasheet
139Kb / 14P
   Hyper-Bright LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LGV296 OSRAM-LGV296 Datasheet
557Kb / 14P
   Hyper-Bright LED
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
   Hyper SIDELED Hyper-Bright LED
LSR976 OSRAM-LSR976 Datasheet
143Kb / 11P
   Hyper CHIPLED Hyper-Bright LED
LGA67K OSRAM-LGA67K Datasheet
236Kb / 15P
   Hyper SIDELED Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com