Electronic Components Datasheet Search |
|
E3C-DM5A Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
E3C-DM5A Datasheet(HTML) 3 Page - Omron Electronics LLC |
3 / 16 page E3C E3C 4 Specifications Part number E3C-S10 E3C-S20W E3C-S30❑ E3C-S50 E3C-1 E3C-2 Sensing distance 10 cm (3.94 in) 20 cm (7.87 in) 50 cm (1.64 ft) 1 m (3.28 ft) 2 m (3.28 ft) Light source Pulse modulated infrared LED Detectable Type Opaque materials object Size 2 mm (0.08 in) 2 mm (0.09 in) 3 mm (1.18 in) 4 mm (0.16 in) 8 mm (0.32 in) min. dimension min. dimension min. dimension min. dimension min. dimension Required amplifier E3C-A, E3C-C, E3C-GE4, E3C-GF4, E3C-JC4P, E3C-JB4P, E3C-WH4F Indicators Emitter Light Incident (red LED) Receiver None Materials Lens Plastic, polycarbonate Case Plastic, polycarbonate Zinc die-cast Cable sheath Plastic, polyethylene Mounting Side surface Side surface Side surface with two Side surface Side surface with two through with two through through holes. Bracket with two through with two through holes. Brackets holes. E39-L31 optional, see holes. Bracket holes. Bracket OAC-T1, OAC-T2, Accessories E39-L41 and E39-L42 and OAC-T3 optional, hardware hardware see Accessories included. included. Connections Prewired Emitter: 2-conductor cable, 2 m (6.56 ft) length Receiver: 2-conductor cable, 2 m (6.56 ft) length Weight Emitter 25 g (0.9 oz.) 30 g (1.1 oz.) 60 g (2.2 oz.) Receiver 25 g (0.9 oz.) 30 g (1.1 oz.) 60 g (2.2 oz.) Enclosure UL — ratings NEMA 1, 2, 12 1 1 1, 2, 12 1, 2, 4, 4X, 12 IEC 144 IP64 IP50 IP60 IP64 IP66 Approvals UL — CSA — Ambient Operating -25 ° to 70°C (-13° to 158°F) temperature Storage -25 ° to 70°C (-13° to 158°F) Part number E3C-DS5W E3C-DS10 Sensing distance 5 cm (1.97 in) with 10 X 10 cm 10 cm (3.94 in) with 5 X 5 cm (1.97 in) (3.94 in) 90% reflectance white mat paper 90% reflectance white mat paper Detectable object type Opaque and transparent materials Required amplifier E3C-A, E3C-C, E3C-GE4, E3C-GF4, E3C-JC4P, E3C-JB4P, E3C-WH4F Indicators Light Incident (red LED) Materials Lens Plastic, polycarbonate Case Plastic, polycarbonate Cable sheath Plastic, polyethylene Mounting Side surface with two through holes. Side surface with two through holes. Bracket E39-L42 optional, see Accessories. Connections Prewired 4-conductor cable, 2 m (6.56 ft) length Weight 50 g (1.8 oz.) Enclosure UL — ratings NEMA 1 1, 2, 12 IEC 144 IP50 IP64 Approvals UL — CSA — Ambient Operating -25 ° to 70°C (-13° to 158°F) temperature Storage -25 ° to 70°C (-13° to 158°F) s THROUGH-BEAM TYPE s DIFFUSE REFLECTIVE TYPE |
Similar Part No. - E3C-DM5A |
|
Similar Description - E3C-DM5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |