Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3222-K60 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # K3222-K60
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K3222-K60 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button K3222-K60 Datasheet HTML 3Page - List of Unclassifed Manufacturers K3222-K60 Datasheet HTML 4Page - List of Unclassifed Manufacturers K3222-K60 Datasheet HTML 5Page - List of Unclassifed Manufacturers K3222-K60 Datasheet HTML 6Page - List of Unclassifed Manufacturers K3222-K60 Datasheet HTML 7Page - List of Unclassifed Manufacturers K3222-K60 Datasheet HTML 8Page - List of Unclassifed Manufacturers K3222-K60 Datasheet HTML 9Page - List of Unclassifed Manufacturers K3222-K60 Datasheet HTML 10Page - List of Unclassifed Manufacturers K3222-K60 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Siemens Matsushita Components
33
Chip thickness: v: 0,5
± 0,1 mm u: 0,6 ± 0,1 mm r: 0,8 ± 0,1 mm
Ordering codes for X7R/B characteristic, 25 Vdc, AgNiSn terminations
Size
0402/1005
0603/1608
0805/2012
1206/3216
CR
Ordering code1)
B37921-
B37931-
B37941-
B37872-
100
pF
120
pF
150
pF
180
pF
220
pF
270
pF
330
pF
390
pF
470,0 pF
560,0 pF
680,0 pF
820,0 pF
1,0 nF
1,2 nF
1,5 nF
1,8 nF
2,2 nF
2,7 nF
3,3 nF
3,9 nF
4,7 nF
5,6 nF
6,8 nF
8,2 nF
10,0 nF
12,0 nF
15,0 nF
18,0 nF
22,0 nF
27,0 nF
33,0 nF
39,0 nF
47,0 nF
56,0 nF
68,0 nF
-K0101-K60
-K0121-K60
-K0151-K60
-K0181-K60
-K0221-K60
-K0271-K60
-K0331-K60
-K0391-K60
-K0471-K60
-K0561-K60
-K0681-K60
-K0821-K60
-K0102-K60
-K0122-K60
-K0152-K60
-K0182-K60
-K0222-K60
-K0272-K60
-K0332-K60
-K0392-K60
-K0472-K60
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
v
-K0472-K60
-K0562-K60
-K0682-K60
-K0822-K60
-K0103-K60
-K0123-K60
-K0153-K60
-K0183-K60
-K0223-K60
r
r
r
r
r
r
r
r
r
-K0103-K60
-K0123-K60
-K0153-K60
-K0183-K60
-K0223-K60
-K0273-K60
-K0333-K60
-K0393-K60
-K0473-K60
-K0563-K60
-K0683-K60
u
u
u
u
u
u
u
u
u
r
r
-K0223-K60
-K0273-K60
-K0333-K60
-K0393-K60
-K0473-K60
-K0563-K60
-K0683-K60
r
r
r
r
r
r
r
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37921-K0101-K60
For other available capacitance tolerances see page 27


Similar Part No. - K3222-K60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
K3221 VBSEMI-K3221 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
K32212 VBSEMI-K32212 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
K3224 VBSEMI-K3224 Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
K3225 VBSEMI-K3225 Datasheet
977Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - K3222-K60

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com