Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T27A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM15T27A
Description  TRANSILTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T27A Datasheet(HTML) 1 Page - STMicroelectronics

  SM15T27A Datasheet HTML 1Page - STMicroelectronics SM15T27A Datasheet HTML 2Page - STMicroelectronics SM15T27A Datasheet HTML 3Page - STMicroelectronics SM15T27A Datasheet HTML 4Page - STMicroelectronics SM15T27A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
SM15T6V8A/220A
SM15T6V8CA/220CA
TRANSIL
TM
®
s
PEAK PULSE POWER : 1500 W (10/1000
µs)
s
BREAKDOWN VOLTAGE RANGE :
From 6.8 V to 220 V
s
UNI AND BIDIRECTIONAL TYPES
s
LOW CLAMPING FACTOR
s
FAST RESPONSE TIME
s
UL RECOGNIZED
FEATURES
SMC
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (see note1)
Tj initial = Tamb
1500
W
P
Power dissipation on infinite heatsink
Tamb = 50°C
6.5
W
IFSM
Non repetitive surge peak forward
current for unidirectional types
tp = 10ms
Tj initial = Tamb
200
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-65to+175
150
°C
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Note 1 : For a surge greater than the maximum values, the diode will fail in short-circuit.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
DESCRIPTION
Transil diodes provide high overvoltage protection
by
clamping
action.
Their
instantaneous
response to transient overvoltages makes them
particularly suited to protect voltage sensitive
devices such as MOS Technology and low
voltage supplied IC’s.
September 2001 Ed : 3B
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
15
°C/W
Rth (j-a)
Junction to ambient on printed circuit on recommended pad
layout
75
°C/W
THERMAL RESISTANCES


Similar Part No. - SM15T27A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SM15T27A GE-SM15T27A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T27A STMICROELECTRONICS-SM15T27A Datasheet
125Kb / 9P
   TransilTM
logo
Vishay Siliconix
SM15T27A VISHAY-SM15T27A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T27A MDE-SM15T27A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T27A VISHAY-SM15T27A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Similar Description - SM15T27A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com