Electronic Components Datasheet Search
Selected language     English  ▼


K0153-K01 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. K0153-K01
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 10 page
background image
36
Siemens Matsushita Components
Chip thickness: x: 1,2
± 0,1 mm
Ordering codes for X7R/B characteristic, 50 Vdc, AgPd terminations (cont´d)
Size
1812/4532
2220/5750
CR
Ordering code1)
B37953-
B37956-
100,0 nF
120,0 nF
150,0 nF
180,0 nF
220,0 nF
270,0 nF
330,0 nF
390,0 nF
470,0 nF
560,0 nF
680,0 nF
820,0 nF
1,0
µF
-J5104-K62
-J5124-K62
-J5154-K62
-J5184-K62
-J5224-K62
-J5274-K62
-J5334-K62
-J5394-K62
-J5474-K62
x
x
x
x
x
x
x
x
x
-J5474-K62
-J5564-K62
-J5684-K62
-J5824-K62
-J5105-K62
x
x
x
x
x
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37953-J5104-K62
For other available capacitance tolerances see page 27




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NMCMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMCY5VMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMCX5RMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-HMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NMCCVMultilayer Ceramic Chip Capacitors 1 2 3 4 NIC-Components Corp.
NMC-H1808Multilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-LMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-MMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-PMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NCAMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl