Selected language     English  ▼


K0153-K01 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. K0153-K01
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
Siemens Matsushita Components
37
Chip thickness: u: 0,6
± 0,1 mm r: 0,8 ± 0,1 mm x: 1,2 ± 0,1 mm
Ordering codes for X7R/B characteristic, 100 Vdc, AgNiSn terminations
Size
0603/1608
0805/2012
1206/3216
1210/3225
CR
Ordering code 1)
B37931-
B37941-
B37872-
B37950-
100
pF
120
pF
150
pF
180
pF
220
pF
270
pF
330
pF
390
pF
470,0 pF
560,0 pF
680,0 pF
820,0 pF
1,0 nF
1,2 nF
1,5 nF
1,8 nF
2,2 nF
2,7 nF
3,3 nF
3,9 nF
4,7 nF
5,6 nF
6,8 nF
8,2 nF
10,0 nF
12,0 nF
15,0 nF
18,0 nF
22,0 nF
27,0 nF
33,0 nF
39,0 nF
47,0 nF
-K1101-K60
-K1121-K60
-K1151-k60
-K1181-K60
-K1221-K60
-K1271-K60
-K1331-K60
-K1391-K60
-K1471-K60
-K1561-K60
-K1681-K60
-K1821-K60
-K1102-K60
-K1122-K60
-K1152-K60
-K1182-K60
-K1222-K60
-K1272-K60
-K1332-K60
-K1392-K60
-K1472-K60
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
-K1471-K60
-K1561-K60
-K1681-K60
-K1821-K60
-K1102-K60
-K1122-K60
-K1152-K60
-K1182-K60
-K1222-K60
-K1272-K60
-K1332-K60
-K1392-K60
-K1472-K60
-K1562-K60
-K1682-K60
-K1822-K60
-K1103-K60
-K1123-K60
-K1153-K60
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
-K1102-K60
-K1122-K60
-K1152-K60
-K1182-K60
-K1222-K60
-K1272-K60
-K1332-K60
-K1392-K60
-K1472-K60
-K1562-K60
-K1682-K60
-K1822-K60
-K1103-K60
-K1123-K60
-K1153-K60
-K1183-K60
-K1223-K60
-K1273-K60
-K1333-K60
-K1393-K60
-K1473-K60
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
-K1103-K62
-K1123-K62
-K1153-K62
-K1183-K62
-K1223-K62
-K1273-K62
-K1333-K62
-K1393-K62
-K1473-K62
r
r
r
r
r
r
r
r
r
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37931-K1101-K60
For other available capacitance tolerances see page 27




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NMCMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMCY5VMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMCX5RMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-HMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NMCCVMultilayer Ceramic Chip Capacitors 1 2 3 4 NIC-Components Corp.
NMC-H1808Multilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-LMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-MMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-PMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NCAMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl