Selected language     English  ▼


K0153-K01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. K0153-K01
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 8 page
background image
34
Siemens Matsushita Components
Chip thickness: r: 0,8
± 0,1 mm x: 1,2 ± 0,1 mm
Ordering codes for X7R/B characteristic, 25 Vdc, AgNiSn terminations (cont´d)
Size
0402/1005
0603/1608
0805/2012
1206/3216
CR
Ordering code 1)
B37921-
B37931-
B37941-
B37872-
82,0 nF
100,0 nF
120,0 nF
150,0 nF
180,0 nF
220,0 nF
-K0823-K62
-K0104-K62
x
x
-K0823-K62
-K0104-K62
-K0124-K62
-K0154-K62
-K0184-K62
-K0224-K62
r
r
r
r
x
x
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37941-K0823-K62
For other available capacitance tolerances see page 27




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NMCMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMCY5VMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMCX5RMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-HMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NMCCVMultilayer Ceramic Chip Capacitors 1 2 3 4 NIC-Components Corp.
NMC-H1808Multilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-LMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-MMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-PMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NCAMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl