Selected language     English  ▼


K0153-K01 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part No. K0153-K01
Description  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 9 page
background image
Siemens Matsushita Components
35
Chip thickness: u: 0,6
± 0,1 mm
r
: 0,8
± 0,1 mm x: 1,2 ± 0,1 mm
Ordering codes for X7R/B characteristic, 50 Vdc, AgNiSn terminations
Size
0603/1608
0805/2012
1206/3216
1210/3225
CR
Ordering code 1)
B37931-
B37941-
B37872-
B37950-
220,0 pF
270,0 pF
330,0 pF
390,0 pF
470,0 pF
560,0 pF
680,0 pF
820,0 pF
1,0 nF
1,2 nF
1,5 nF
1,8 nF
2,2 nF
2,7 nF
3,3 nF
3,9 nF
4,7 nF
5,6 nF
6,8 nF
8,2 nF
10,0 nF
12,0 nF
15,0 nF
18,0 nF
22,0 nF
27,0 nF
33,0 nF
39,0 nF
47,0 nF
56,0 nF
68,0 nF
82,0 nF
100
nF
120
nF
150
nF
180
nF
220
nF
-K5221-K60
-K5271-K60
-K5331-K60
-K5391-K60
-K5471-K60
-K5561-K60
-K5681-K60
-K5821-K60
-K5102-K60
-K5122-K60
-K5152-K60
-K5182-K60
-K5222-K60
-K5272-K60
-K5332-K60
-K5392-K60
-K5472-K60
-K5562-K60
-K5682-K60
-K5822-K60
-K5103-K60
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
-K5471-K60
-K5561-K60
-K5681-K60
-K5821-K60
-K5102-K60
-K5122-K60
-K5152-K60
-K5182-K60
-K5222-K60
-K5272-K60
-K5332-K60
-K5392-K60
-K5472-K60
-K5562-K60
-K5682-K60
-K5822-K60
-K5103-K60
-K5123-K60
-K5153-K60
-K5183-K60
-K5223-K60
-K5273-K60
-K5333-K60
-K5393-K60
-K5473-K60
-K5563-K62
-K5683-K62
-K5823-K62
-K5104-K62
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
u
x
x
x
x
-K5102-K60
-K5122-K60
-K5152-K60
-K5182-K60
-K5222-K60
-K5272-K60
-K5332-K60
-K5392-K60
-K5472-K60
-K5562-K60
-K5682-K60
-K5822-K60
-K5103-K60
-K5123-K60
-K5153-K60
-K5183-K60
-K5223-K60
-K5273-K60
-K5333-K60
-K5393-K60
-K5473-K60
-K5563-K60
-K5683-K60
-K5823-K60
-K5104-K60
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
-K5103-K62
-K5123-K62
-K5153-K62
-K5183-K62
-K5223-K62
-K5273-K62
-K5333-K62
-K5393-K62
-K5473-K62
-K5563-K62
-K5683-K62
-K5823-K62
-K5104-K62
-K5124-K62
-K5154-K62
-K5184-K62
-K5224-K62
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
x
x
1) The tables contain the ordering codes for the standard capacitance tolerance:
K =
± 10 %. Example: B37931-K5221-K60
For other available capacitance tolerances see page 27




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NMCMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMCY5VMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMCX5RMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-HMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NMCCVMultilayer Ceramic Chip Capacitors 1 2 3 4 NIC-Components Corp.
NMC-H1808Multilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-LMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-MMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-PMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NCAMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl