Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PO74G38072A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PO74G38072A
Description  3.3V 1:2 CMOS Clock Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PO74G38072A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PO74G38072A Datasheet HTML 1Page - List of Unclassifed Manufacturers PO74G38072A Datasheet HTML 2Page - List of Unclassifed Manufacturers PO74G38072A Datasheet HTML 3Page - List of Unclassifed Manufacturers PO74G38072A Datasheet HTML 4Page - List of Unclassifed Manufacturers PO74G38072A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES:
DESCRIPTION:
. Patented technology
. Max input frequency > 1GHz
. Operating frequency up to 1GHz with 2pf load
. Operating frequency up to 700MHz with 5pf load
. Operating frequency up to 400MHz with 15pf load
. Operating frequency up to 200MHz with 50pf load
. Very low output pin to pin skew < 20ps
. VCC = 1.65V to 3.6V
. Propagation delay < 1.3ns max with 15pf load
. Low input capacitance: 3pf typical
. 1:2 fanout
. Available in 8 pin SOIC package
Potato Semiconductor’s PO74G38072A is
designed for world top performance using
submicron CMOS technology to achieve 1GHz
TTL output frequency with less than 20ps
output pin to pin skew.
PO74G38072A is a 3.3V CMOS 1 input to 2
outputs Buffered driver to achieve 1GHz output
frequency. Typical applications are clock and
signal distribution.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
Pin Configuration
Logic Block Diagram
Pin Description
Pin Name
Description
t
u
p
n
I
N
I
Outputs
VCC
D
N
G
D
N
G
GND
VCC
IN
O2
O1
1
2
3
4
5
6
7
8
IN
O1
O2
Ox
02/13/07
3.3V 1:2 CMOS Clock Driver
Copyright © Potato Semiconductor Corporation
1
PO74G38072A
1GHz TTL/CMOS Potato Chip


Similar Part No. - PO74G38072A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
PO74G38072ASR POTATO-PO74G38072ASR Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
PO74G38072ASU POTATO-PO74G38072ASU Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
Pomona Electronics
PO74G38072A POMONA-PO74G38072A_14 Datasheet
1Mb / 5P
   1GHz TTL/CMOS Potato Chip
More results

Similar Description - PO74G38072A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
Integrated Device Techn...
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38072 RENESAS-IDT74FCT38072 Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT32806 PERICOM-PI49FCT32806 Datasheet
214Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D Datasheet
325Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQEX PERICOM-PI49FCT3805DQEX Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D_04 Datasheet
433Kb / 8P
   3.3V, 2 x 1:5 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO74G38074A POTATO-PO74G38074A Datasheet
478Kb / 5P
   3.3V 1:4 CMOS Clock Driver
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
   3.3V 1:10 CMOS Clock Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com