Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B8049ENL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # B8049ENL
Description  XDSL SPLITTER FILTER MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

B8049ENL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  B8049ENL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XDSL SPLITTER FILTER MODULE
POTS Central Office Splitter for standard ADSL applications
Complies with option A of ETSI specification TS 101-952-1-1
Part of a standard series which has footprint compatibility
ADSL2+ compatible
Low profile version of B8049: 12.5 mm height
NL version: RoHS-6 compliant
.492 MAX
12,50
.138 ± .020
3,50 ± 0,50
SUGGESTED BOARD LAYOUT
.394
10,00
1.760
44,70
4 X Ø 1.25
1.760 ± .010
44,70 ± 0,25
1
2
4
3
.394 ± .008
10,00 ± 0,20
B8049E / B8049ENL
(Date Code)
(Country of Origin)
Pin 1
1.929MAX
49,00
.524
13,30
MAX
.030 ± .005
0,76 ± 0,13
B8049E/ B8049ENL
PARAMETER
FREQUENCY
POTS Impedance
100Hz to 4kHz
270
Ω + 750Ω / 150nF
POTS Insertion Loss
1kHz
-1.0dB MAX
POTS Insertion Loss Distortion relative to 1 kHz
200Hz to 4kHz
-1.0dB MAX
300Hz to 2kHz
-14dB MIN
POTS Return Loss
2kHz to 3.4kHz
-12dB MIN
3.4kHz to 4kHz
-8dB MIN
POTS Group Delay
200Hz to 4kHz
200µs MAX
100Hz to 4kHz
-46dB MIN
4kHz to 30kHz
-25dB MIN
Longitudinal Balance
30kHz to 1.1MHz
-45dB MIN
1.1MHz to 3.0MHz
-30dB MIN
3.0MHz to 5.0MHz
-20dB MIN
ADSL Insertion Loss
32kHz to 2.2MHz
-55dB MIN
DC Current
100mA MAX
Total DC Resistance
40
Ω MAX
Line Side Impedance
40kHz to 2.2MHz
1.0k
Ω MIN
Electrical Specifications @ 25°C
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Mechanical
Schematic
1
4
ADSL
&
LINE
2
PHONE
3
Weight . . . . . . . . . . . .11 grams
Tray . . . . . . . . . . . . . . .35/tray
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen
Tech-Innovation International
Tenth Kejinan Rd.
High-Tech Industrial Park
Nanshan District, Shenzhen
China
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
www.pulseeng.com
B882.E (8/07)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners. © Copyright, 2007. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - B8049ENL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B8049E PULSE-B8049E Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
More results

Similar Description - B8049ENL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B708 PULSE-B708 Datasheet
270Kb / 2P
   XDSL Splitter filter module
B709 PULSE-B709 Datasheet
319Kb / 2P
   XDSL SPLITTER FILTER MODULE
BX8214V PULSE-BX8214V Datasheet
125Kb / 1P
   XDSL SPLITTER FILTER MODULE
B701 PULSE-B701 Datasheet
165Kb / 2P
   XDSL SPLITTER FILTER MODULE
B710 PULSE-B710 Datasheet
530Kb / 2P
   XDSL SPLITTER FILTER MODULE
B705 PULSE-B705 Datasheet
278Kb / 2P
   XDSL SPLITTER FILTER MODULE
B898 PULSE-B898 Datasheet
172Kb / 2P
   XDSL SPLITTER FILTER MODULE
B899 PULSE-B899 Datasheet
86Kb / 2P
   XDSL SPLITTER FILTER MODULE
B600 PULSE-B600 Datasheet
625Kb / 1P
   XDSL SPLITTER FILTER MODULE
B8849NL PULSE-B8849NL Datasheet
75Kb / 1P
   XDSL SPLITTER FILTER MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com