Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

204GT Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 204GT
Description  3mm Round Standard LEDs, T-1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

204GT Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  204GT Datasheet HTML 1Page - Everlight Electronics Co., Ltd 204GT Datasheet HTML 2Page - Everlight Electronics Co., Ltd 204GT Datasheet HTML 3Page - Everlight Electronics Co., Ltd 204GT Datasheet HTML 4Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number :
DLE-020-065
REV:
2.1
3mm Round Standard LEDs, T-1
MODEL NO :
204GT
ECN :
Page:
1/4
█ Features :
Package Dimensions:
High luminous power.
Can be driven at low current.
2.54mm lead spacing.
Available on tape and reel.
█ Descriptions :
The series is specially designed for
applications require higher
brightness than that achievable with
standard lamp.
The LED lamps are available with
different colors,intensities,
epoxy colors, etc.
█ Applications :
Notes :
TV Set
1.All dimensions are in millimeters.
Monitor
2.An epoxy meniscus may extend about
Telephone
1.5mm(0.059") down to the lead.
Computer
PART NO
Chip
Lens Color
Material
Emitted Color
204GT
GaP
Green
Green
Trans
OFFICE : NO. 25,Lane 76,Sec.3, Chung Yang Rd., Tucheng 236, Taipei, Taiwan, R.O.C.
TEL
: 886-2-2267-2000,2267-9936
FAX : 886-2-2267-6244,22676189,22676306
http://www.everlight.com


Similar Part No. - 204GT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
204GT-1 ETC1-204GT-1 Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
More results

Similar Description - 204GT

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-7UYC EVERLIGHT-264-7UYC Datasheet
123Kb / 4P
   3mm Round Small Flange Without stand-off LEDs, T-1
264-7SURC EVERLIGHT-264-7SURC Datasheet
119Kb / 4P
   3mm Round Small Flange Without stand-off LEDs, T-1
logo
List of Unclassifed Man...
204HGW ETC-204HGW Datasheet
132Kb / 5P
   3MM ROUND SMALL FLANGE WITHOUT STAND - OFF LEDS, T-1
logo
SunLED Corporation
LURR37D SUNLED-LURR37D Datasheet
186Kb / 4P
   T-1(3mm) ROUND LED LAMP
logo
Kingbright Corporation
WP937IID KINGBRIGHT-WP937IID_11 Datasheet
301Kb / 6P
   T-1(3mm) ROUND LED LAMP
WP937IID KINGBRIGHT-WP937IID Datasheet
414Kb / 6P
   T-1(3mm) ROUND LED LAMP
WP937YYD KINGBRIGHT-WP937YYD Datasheet
414Kb / 6P
   T-1(3mm) ROUND LED LAMP
logo
SunLED Corporation
LUGG37D SUNLED-LUGG37D Datasheet
186Kb / 4P
   T-1(3mm) ROUND LED LAMP
logo
Kingbright Corporation
WP937EGW KINGBRIGHT-WP937EGW Datasheet
458Kb / 7P
   T-1(3mm) ROUND BI-COLOR LED LAMP
WP937GYW KINGBRIGHT-WP937GYW Datasheet
458Kb / 7P
   T-1(3mm) ROUND BI-COLOR LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com