Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

195-3MSTN Datasheet(PDF) 1 Page - CTS Corporation

Part # 195-3MSTN
Description  Side Actuated, Through Hole DIP Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

195-3MSTN Datasheet(HTML) 1 Page - CTS Corporation

  195-3MSTN Datasheet HTML 1Page - CTS Corporation 195-3MSTN Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switch Function
SPST-2 through 10 and 12 positions
Switch Contact Resistance
Insulation Resistance
1,000 megohms minimum between insulated terminals
Dielectric Strength
500 VAC for 1 minute between adjacent
switches
Nonswitching Rating
100 mA or 50 VDC maximum
Switch Capacitance
5.0 pF maximum between adjacent closed switches
Operating Temperature
–40°C to +85°C
Actuation Life
Series 194 – 7,000 cycles switching 50 mA @ 24VDC
Series 195 – 2,000 cycles switching 50 mA @ 24VDC
Allowable Solder Time
Wave soldering up to 5 seconds at 260°C
Sealing
Bottom epoxy seal standard
Top tape seal optional
Marking
Special side or top marking available-consult CTS
®
Electrical and Mechanical Specifications
Series 194/195 DIP
Side Actuated,
Through Hole
DIP Switches
Features
Optimized Mechanical Features
• Enclosed actuators shield contacts from
foreign particles throughout life of switch
• Standard 2.54mm (.100") x 7.62mm (.300") DIP centers
Optimized Contact System
• Contact wiping action on make and break
• Lock-over-center design provides positive detent action
• Optimized, active contact design incorporating a dimple-
to-flat surface wiping interface with high contact force
Materials
• All UL 94V-0 plastics used
• Series 194 - gold plated contacts for long-term contact
• Series 195 - tin plated contacts
Switch Series
Initial, max.
End of life, max.
194
50 milliohms
100 millohms
195
100 milliohms
500 millohms
Series 194 – Premium Gold Plated Contacts
Series 195 – Economical Tin Plated Contacts
Vibration
Per MIL-STD-202F, method 204D, condition B
(.06" or 15G’S between 10 HZ to 2K HZ) with no
contact inconsistencies greater than 1 microsecond
Shock
Per MIL-STD-202F, method 213B, condition A
(25G’S) with no contact inconsistencies greater than
1 microsecond
• Integral terminal and contact locked into high
• RoHS compliant
Packaging
Standard : Anti-static tube packaging
1 - 2
© 2008 CTS Corporation. All rights reserved. Information subject to change.
05/05/08
CTS Electrocomponents
www.ctscorp.com
temperature plastic base
corrosion resistance
• Tin plated terminals for better solderability


Similar Part No. - 195-3MSTN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
195-3004 ETC2-195-3004 Datasheet
2Mb / 54P
   standard straight tips
195-3005 ETC2-195-3005 Datasheet
2Mb / 54P
   standard straight tips
195-3006 ETC2-195-3006 Datasheet
2Mb / 54P
   standard straight tips
195-3007 ETC2-195-3007 Datasheet
2Mb / 54P
   standard straight tips
195-3008 ETC2-195-3008 Datasheet
2Mb / 54P
   standard straight tips
More results

Similar Description - 195-3MSTN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
193 CTS-193 Datasheet
976Kb / 2P
   Side Actuated, Through Hole DIP Switches
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
   Side Actuated DIP Switches
BP CK-COMPONENTS-BP Datasheet
58Kb / 3P
   Side Actuated DIP Switches
1997
logo
ITT Industries
BPA02B ITT-BPA02B Datasheet
181Kb / 2P
   Side Actuated DIP Switches
logo
C&K Components
BPA CK-COMPONENTS-BPA_V01 Datasheet
233Kb / 3P
   Side Actuated DIP Switches
2019
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
   Half-pitch Side-Actuated DIP Switches
logo
OEN India Limited
25-200 OENINDIA-25-200 Datasheet
352Kb / 1P
   ROCKER ACTUATED DIP SWITCHES
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
   Side Actuated DIP Switch
logo
List of Unclassifed Man...
BP12 ETC1-BP12 Datasheet
254Kb / 2P
   Side Actuated DIP Switcehs
logo
C&K Components
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
   Side Actuated Detect Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com