Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ20A-TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMAJ20A-TR
Description  TRANSILTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMAJ20A-TR Datasheet(HTML) 3 Page - STMicroelectronics

  SMAJ20A-TR Datasheet HTML 1Page - STMicroelectronics SMAJ20A-TR Datasheet HTML 2Page - STMicroelectronics SMAJ20A-TR Datasheet HTML 3Page - STMicroelectronics SMAJ20A-TR Datasheet HTML 4Page - STMicroelectronics SMAJ20A-TR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Ppp[Tj initial]/Ppp[Tj initial=25°C]
Tj initial(°C)
Fig 1: Peak power dissipation versus initial
junction temperature.
0.01
0.10
1.00
10.00
100
1000
5000
Ppp(W)
tp(ms)
Fig 2: Peak pulse power versus exponential pulse
duration (Tj initial=25°C).
1
10
100
500
0.1
1.0
10.0
100.0
200.0
Ipp(A)
tp=20µs
tp=1ms
SMAJ5.0A,CA
SMAJ188A,CA
SMAJ58A,CA
SMAJ26A,CA
SMAJ13A,CA
V
(V)
CL
Fig 3: Clamping voltage versus peak pulse current
(Tj initial=25°C)
Exponential waveform tp=20
µs & tp=1ms.
1
10
100 200
10
100
1000
5000
C(pF)
F=1MHz
SMAJ5.0A
SMAJ188A
SMAJ58A
SMAJ26A
SMAJ13A
V (V)
R
Fig 4-1: Capacitance versus reverse applied
voltage (typical values) (SMAJxxA).
1
10
100
200
1
10
100
1000
2000
F=1MHz
SMAJ5.0CA
SMAJ188CA
SMAJ58CA
SMAJ26CA
SMAJ13CA
C(pF)
V (V)
R
Fig 4-2: Capacitance versus reverse applied
voltage (typical values) (SMAJxxCA).
SMAJxxxA-TR, CA-TR
3/5


Similar Part No. - SMAJ20A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ20A-TR STMICROELECTRONICS-SMAJ20A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMAJ20A-TR STMICROELECTRONICS-SMAJ20A-TR Datasheet
148Kb / 10P
   Transil™
July 2010 Doc ID 5544 Rev 12
More results

Similar Description - SMAJ20A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com