Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82144A2223K000 Datasheet(PDF) 5 Page - EPCOS

Part # B82144A2223K000
Description  Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82144A2223K000 Datasheet(HTML) 5 Page - EPCOS

  B82144A2223K000 Datasheet HTML 1Page - EPCOS B82144A2223K000 Datasheet HTML 2Page - EPCOS B82144A2223K000 Datasheet HTML 3Page - EPCOS B82144A2223K000 Datasheet HTML 4Page - EPCOS B82144A2223K000 Datasheet HTML 5Page - EPCOS B82144A2223K000 Datasheet HTML 6Page - EPCOS B82144A2223K000 Datasheet HTML 7Page - EPCOS B82144A2223K000 Datasheet HTML 8Page - EPCOS B82144A2223K000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
11/05
RF chokes
LBC series
B82144A
Please read the Important notes at the end of
this document.
Impedance |Z |
versus frequency f
measured with impedance analyzer
HP 4191A / HP 4194A
Q factor
versus frequency f
measured with impedance analyzer
HP 4194A
Inductance L
versus DC load current IDC
measured with LCR meter
HP 4275A
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = 40 °C)
IND0131-7
10 0
10 5
f
Ω
1 µH
10 µH
100 µH
Hz
6
10
10 7
10 8
10 9
1
10
2
10
3
10
4
10
5
10
6
10
7
10
1000 µH
10000 µH
100000 µH
||
Z
B82144A
4
10
f
Q
0
IND0133-R
100
200
10000 µH
1000 µH
100 µH
10 µH
1 µH
100000 µH
8
10
7
10
6
10
5
10
Hz
B82144A
IND0132-9
10
10
10
10 0
10 1
10 0
10 1
10 2
10 3
10 4
10 5
L
DC
I
1 µH
10 µH
100 µH
1000 µH
10000 µH
100000 µH
A
µH
2
_
_1
1
_
B82144A
IND0552-S-E
0
0
op
I
R
I
T
A
20
40
60
80
100
˚C 140
0.2
0.4
0.6
0.8
1.0
1.2


Similar Part No. - B82144A2223K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2223K000 EPCOS-B82144A2223K000 Datasheet
186Kb / 9P
   Inductors
B82144A2223K000 EPCOS-B82144A2223K000 Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82144A2223K000 TDK-B82144A2223K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
More results

Similar Description - B82144A2223K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B78108S EPCOS-B78108S Datasheet
223Kb / 10P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com