Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82144A2224J000 Datasheet(PDF) 7 Page - EPCOS

Part # B82144A2224J000
Description  Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82144A2224J000 Datasheet(HTML) 7 Page - EPCOS

  B82144A2224J000 Datasheet HTML 1Page - EPCOS B82144A2224J000 Datasheet HTML 2Page - EPCOS B82144A2224J000 Datasheet HTML 3Page - EPCOS B82144A2224J000 Datasheet HTML 4Page - EPCOS B82144A2224J000 Datasheet HTML 5Page - EPCOS B82144A2224J000 Datasheet HTML 6Page - EPCOS B82144A2224J000 Datasheet HTML 7Page - EPCOS B82144A2224J000 Datasheet HTML 8Page - EPCOS B82144A2224J000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
11/05
RF chokes
B82144A
LBC series
Please read the Important notes at the end of
this document.
Color coding of the inductance value
The inductance value and tolerance are encoded by means of colored bands in accordance with
IEC 60062. The basic unit is
μH.
1st band 1st digit of inductance value
2nd band 2nd digit of inductance value
3rd band multiplier, i.e. the power of ten, by which the first two digits have to be multiplied.
4th band tolerance of the inductance value.
Examples:
Color code
1st band =
1st digit
2nd band =
2nd digit
3rd band =
multiplier
4th band =
tolerance
Colorless
± 20 % (M)
Silver
× 10-2 μH =
0.01
μH
± 10 % (K)
Gold
× 10-1 μH =
0.1
μH
± 5 % (J)
Black
0
× 100 μH =
1,01
μH—
Brown
1
1
× 101 μH =
10,01
μH
Red
2
2
× 102 μH =
100,01
μH
± 2 % (G)
Orange
3
3
× 103 μH =
1000,01
μH
Yellow
4
4
× 104 μH = 10000,01 μH
Green
5
5
× 105 μH = 100000,01 μH
Special
designs
manufactured
to
customer specifica-
tions are identified
by a white tolerance
band.
Blue
6
6
Violet
7
7
Grey
8
8
White
9
9
1st band
2nd band
3rd band
4th band
Decoding
Yellow
Violet
Gold
Silver
47
×
0.1
μH ± 10 %
= 47
×
0.1
μH ± 10 % =
4.7
μH ± 10 %
Brown
Green
Red
Gold
15
× 100,0 μH ± 5%
=15
× 100,0 μH ± 5 % = 1500,0 μH ± 5%


Similar Part No. - B82144A2224J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2224J000 EPCOS-B82144A2224J000 Datasheet
186Kb / 9P
   Inductors
B82144A2224J000 EPCOS-B82144A2224J000 Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82144A2224J000 TDK-B82144A2224J000 Datasheet
610Kb / 9P
   RF chokes, LBC series
More results

Similar Description - B82144A2224J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B78108S EPCOS-B78108S Datasheet
223Kb / 10P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com