Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMW24D12-625 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DMW24D12-625
Description  Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW24D12-625 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DMW24D12-625 Datasheet HTML 1Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 2Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 3Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 4Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 5Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 6Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 7Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 8Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DMW Ultra Wide Series
Single and Dual Output
15 Watt DC/DC Converter
4:1 Ultra Wide Input Voltage Range
DESIGN & FEATURE CONSIDERATONS
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and
off during a logic low. To turn the power module on and off, the user must supply a switch to control the
voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or
equivalent.
A logic low is -0.7V to 0.8V.
A logic high is 2.5V to 5.5V.
The maximum sink current at on/off terminal during a logic low is -1mA. The maximum allowable
leakage current of the switch at on/off terminal (2.5 to 5.5V) is 50uA.
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current
limiting circuitry and can endure current limiting for an unlimited duration. At the point of current-limit
inception, the unit shifts from voltage control to current control. The unit operates normally once the
output current is brought back into its specified range.
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source
impedances can affect the stability of the power module. In applications where power is supplied over
long lines and output loading is high, it may be necessary to use a capacitor at the input to ensure
startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is
recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100 KHz)
capacitor of a 10uF for the 24V and 48V input devices.
Maximum Capacitive Load
The DMW Series has a limitation of maximum connected capacitance at the output. The power module
may be operated in current limiting mode during start-up, affecting the ramp-up and the startup time.
For optimum performance we recommend 220uF maximum capacitive load for dual outputs and 470uF
capacitive load for single outputs. The maximum capacitance can be found in the Output Voltage /
Current Rating Chart.


Similar Part No. - DMW24D12-625

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DMW24D12-625 WALL-DMW24D12-625 Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DMW24D12-625 WALL-DMW24D12-625 Datasheet
294Kb / 6P
   Single and Dual Output
More results

Similar Description - DMW24D12-625

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
MDW WALL-MDW Datasheet
256Kb / 3P
   Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANC8UW WALL-LANC8UW Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANCUW12 WALL-LANCUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
JRW24S33-2500 WALL-JRW24S33-2500 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com