Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JR24S5-2000 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # JR24S5-2000
Description  Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JR24S5-2000 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  JR24S5-2000 Datasheet HTML 1Page - Wall Industries,Inc. JR24S5-2000 Datasheet HTML 2Page - Wall Industries,Inc. JR24S5-2000 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
JR Series
Single and Dual Outputs
10 Watt DC/DC Converter
2:1 Wide Input Voltage Range
FEATURES
● 10 Watts Output Power
● High Efficiency up to 86%
● Fixed Switching Frequency
● Six-Sided Continuous Shield
● 2:1 Wide Input Voltage Range
● Standard 2 x 1 x 0.4 inch Package
● International Safety Standard Approval
● Options: Add suffix “-I” for Extended Operating Temperature Range
SPECIFICATIONS: JR Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 5V nominal input ......................... 4.5 - 9VDC
12V nominal input ........................ 9 - 18VDC
24V nominal input ...................... 18 - 36VDC
48V nominal input ...................... 36 - 75VDC
Input Filter ....................................................................................... Pi Type
Input Surge Voltage (100ms max) ....... 5V input .............................15VDC
12V input ...........................36VDC
24V input ...........................50VDC
48V input .........................100VDC
Input Reflected Ripple Current (See Note 2) ...............................30mAp-p
(nominal Vin and full load)
Start Up Time (nominal Vin and constant resistive load) .............20ms typ.
Remote ON/OFF (Option) (See Note 3)
(Positive Logic)............... DC-DC ON.............Open or 3.5V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
(Negative Logic) ............. DC-DC ON...............Short or 0V < Vr < 1.2V
DC-DC OFF ...........Open or 3.5V < Vr < 12V
Remote Off Input Current (nominal Vin) ............................................20mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Output Current ..............................................................................see table
Output Power ........................................................................ 10 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.2%
Load Regulation (10% - 100 % FL).............. Single Output.............. ±0.5%
Dual Output ................... ±1%
Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ............ ±5%
Minimum Load (See Note 1) ..............................................10% of full load
Ripple/Noise (20 MHz BW) ...................... Single Output..............50mVp-p
Dual Output ................75mVp-p
Temperature Coefficient ................................................. ±0.02% / °C max.
Transient Response Recovery Time (25% load step) .......................250us
PROTECTION SPECIFICATIONS
Over Voltage Protection................. 3.3V output ..................................3.9V
(zener diode clamp)
5V output ..................................6.2V
12V output ...................................15V
15V output ...................................18V
Over Load Protection (% of full load at nominal input).............. 150% max.
Short Circuit Protection. ...................................Hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................300KHz typ.
Isolation Voltage (Input to Output)......................................... 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ................................................................ 300pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature (See derating curves)
Standard ............................................... -25°C ~ +85°C (with derating)
“I” (See Note 5)........................................ -40°C ~ +85°C (no derating)
(except for 5V input models)
Storage Temperature .......................................................... -55°C ~ +105°C
Maximum Case Temperature ............................................................. 100°C
Relative Humidity...................................................................5% to 95% RH
Thermal Impedance (See Note 6)
Natural Convection ............................................................. 12°C / Watt
Natural Convection with Heat-Sink..................................... 10°C / Watt
Thermal Shock .................................................................... MIL-STD-810D
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 4) .......................................................... 1.976 x 10
6 hours
PHYSICAL SPECIFICATIONS
Weight ..................................................................................... 27g (0.95 oz)
Dimensions....................... 2.0 x 1.0 x 0.40 inches (50.8 x 25.4 x 10.2 mm)
Case Material ..............................................................Nickel-coated copper
Base Material...................................................Non-conductive black plastic
Potting material..................................................................Epoxy (UL94-V0)
Shielding......................................................................................... six-sided
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
(except for 5V input models)
Conducted Emissions.........EN55022 .............................................. Class A
Radiated Emissions............EN55022 .............................................. Class A
EN55022 (See Note 7)......................... Class B
ESD ....................................EN61000-4-2.............................Perf. Criteria B
Radiated Immunity..............EN61000-4-3.............................Perf. Criteria A
Fast Transient.....................EN61000-4-4.............................Perf. Criteria B
Surge ..................................EN61000-4-5.............................Perf. Criteria B
Conducted Immunity...........EN61000-4-6.............................Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
UL
TUV
CB
CE MARK


Similar Part No. - JR24S5-2000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JR24S5-2000 WALL-JR24S5-2000 Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JR24S5-2000 WALL-JR24S5-2000 Datasheet
531Kb / 8P
   10 Watt DC/DC Power Converters Single and Dual Outputs
More results

Similar Description - JR24S5-2000

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
CB12S1.5-8500 WALL-CB12S1.5-8500 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
   3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JRW24S33-2500 WALL-JRW24S33-2500 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANK10W WALL-LANK10W Datasheet
246Kb / 8P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com