Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JC24D12-83 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # JC24D12-83
Description  2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JC24D12-83 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  JC24D12-83 Datasheet HTML 1Page - Wall Industries,Inc. JC24D12-83 Datasheet HTML 2Page - Wall Industries,Inc. JC24D12-83 Datasheet HTML 3Page - Wall Industries,Inc. JC24D12-83 Datasheet HTML 4Page - Wall Industries,Inc. JC24D12-83 Datasheet HTML 5Page - Wall Industries,Inc. JC24D12-83 Datasheet HTML 6Page - Wall Industries,Inc. JC24D12-83 Datasheet HTML 7Page - Wall Industries,Inc. JC24D12-83 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
JC Series
2:1 Wide Input Range
Single and Dual Output
2 Watt DC/DC Converter
FEATURES
● Low Cost
● 1500VDC Isolation
● Efficiency up to 81%
● Low Ripple and Noise
● MTBF > 1,000,000 Hours
● Internal SMT Construction
● UL 94V-0 Package Material
● 2:1 Wide Input Voltage Range
● Complies with EN55022 Class A
● Temperature Performance –40°C to +71°C
SPECIFICATIONS: JC Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
5V input models
4.5
5
9
VDC
12V input models
9
12
18
VDC
24V input models
18
24
36
VDC
Input Voltage Range
48V input models
36
48
75
VDC
5V input models
3.5
4
4.5
VDC
12V input models
4.5
7
9
VDC
24V input models
8
12
18
VDC
Start Voltage
48V input models
16
24
36
VDC
5V input models
3.5
4
VDC
12V input models
6.5
8.5
VDC
24V input models
11
17
VDC
Under Voltage Shutdown
48V input models
22
34
VDC
5V input models
-0.7
11
VDC
12V input models
-0.7
25
VDC
24V input models
-0.7
50
VDC
Input Surge Voltage (1000ms)
48V input models
-0.7
100
VDC
Reverse Polarity Input Current
All models
1
A
Reflected Ripple Current
See Table
Short Circuit Input Power
All models
1500
mW
Input Filter
All models
Pi Filter
OUTPUT (Vo)
Output Voltage Range
See Table
Output Voltage Accuracy
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
±1.0
±2.0
%
Load Regulation
Io = 25% to 100%
±0.5
±0.75
%
Line Regulation
Vin = Min to Max
±0.3
±0.5
%
Output Power
2
W
Output Current Range
See Table
Ripple & Noise (20MHz)
30
50
mVpk-pk
Ripple & Noise (20MHz)
Over Line, Load, and Temperature
75
mVpk-pk
Ripple & Noise (20MHz)
15
mVrms
Transient Recovery Time
25% Load Step Change
100
300
µs
Transient Response Deviation
25% Load Step Change
±3
±5
%
Temperature Coefficient
±0.01
±0.02
%/°C
PROTECTION
Over Power Protection
120
%
Short Circuit Protection
Continuous
5V input models
1000mA Slow-Blow Type
12V input models
500mA Slow-Blow Type
24V input models
250mA Slow-Blow Type
Input Fuse Recommendation
48V input models
120mA Slow-Blow Type


Similar Part No. - JC24D12-83

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JC24D12-83 WALL-JC24D12-83 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
More results

Similar Description - JC24D12-83

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANK10W WALL-LANK10W Datasheet
246Kb / 8P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com