Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JC48D5-200 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # JC48D5-200
Description  2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JC48D5-200 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  JC48D5-200 Datasheet HTML 1Page - Wall Industries,Inc. JC48D5-200 Datasheet HTML 2Page - Wall Industries,Inc. JC48D5-200 Datasheet HTML 3Page - Wall Industries,Inc. JC48D5-200 Datasheet HTML 4Page - Wall Industries,Inc. JC48D5-200 Datasheet HTML 5Page - Wall Industries,Inc. JC48D5-200 Datasheet HTML 6Page - Wall Industries,Inc. JC48D5-200 Datasheet HTML 7Page - Wall Industries,Inc. JC48D5-200 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
JC Series
2:1 Wide Input Range
Single and Dual Output
2 Watt DC/DC Converter
DESIGN & FEATURE CONSIDERATONS
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source
impedances can affect the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary
to use a capacitor at the input to ensure startup.
By using a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100kHz) capacitor of 8.2µF
for the 5V input devices, a 3.3µF for the 12V input devices, and a 1.5µF for the 24V and 48V devices. A
capacitor mounted close to the power module helps ensure stability of the unit.
Maximum Capacitive Load
The JC Series has a limitation of maximum connected capacitance on the output. The power module
may operate in current limiting mode during start-up, affecting the ramp-up and the startup time. The
maximum capacitance can be found in the “Output Voltage / Current Rating Chart.”
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current
limiting circuitry and can endure current limiting for an unlimited duration. At the point of current-limit
inception, the unit shifts from voltage control to current control. The unit operates normally once the
output current is brought back into its specified range.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over
the module, and board spacing. To avoid exceeding the maximum temperature rating of the components
inside the power module, the case temperature must be kept below 90°C. The derating curves are
determined from measurements obtained in an experimental apparatus.


Similar Part No. - JC48D5-200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JC48D5-200 WALL-JC48D5-200 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
More results

Similar Description - JC48D5-200

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANK10W WALL-LANK10W Datasheet
246Kb / 8P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com