Electronic Components Datasheet Search |
|
115GT300C101A1 Datasheet(PDF) 1 Page - CTS Corporation |
|
115GT300C101A1 Datasheet(HTML) 1 Page - CTS Corporation |
1 / 3 page ® Commercial 3/4" (19mm) Diameter, 2 watt Wirewound Variable Resistor • Fully enclosed construction • Four mounting styles • Long rotational life • Optional grounded or insulated rotor construction • Incorporated fixed resistor available • Available with nylon shaft • Interchangeable mounting with CTS series 110 preset potentiometers Series 115 Electrical and Mechanical Specifications Resistance Range 1 ohm through 20K ohms (linear taper) Resistance Tolerance Standard: ±20% Special: ±5% or ±10% Power Rating, Watts 2 watts @ 55°C derated to no load @ 105°C mounted on steel panel 1.5 watts @ 55°C derated to no load @ 105°C, mounted on bakelite panel Voltage Rating Terminals to case (insulated types only) High pot test, one minute — 900 VAC Operating maximum — 500 VDC Across end terminals Determined by resistance value and wattage rating Resistance Taper Standard: Linear taper only Taps Available None Incorporated Fixed Resistor A fixed resistor can be incorporated in the Series 115 at the end of CW or CCW rotation to a minimum of 15% of the total resistance value. The rotation is shortened by an amount proportional to the ratio of the fixed resistor to the total resistance value. Angle of Rotation Tatol Rotation: 270° ± 5° Resistor Adjustment Standard: Cross slot provided in rotor for screwdriver adjustment. Special: Molded nylon, screwdriver-slotted shafts which are integral with rotor are available in many lengths in increments of 1/8" (3.2mm) up to a maximum of 2" (50.8mm).Consults with the factory Mounting Types Available Printed circuit mounted: Type 115 P Twist tab mounted: Type 115 T Snap-in mounted: Type 116 E Rivet ear mounted: Type 117 R Terminal Information Grounded Construction — The grounded construction is supplied without a center terminal and the contactor is connected to the case. This construction can be furnished with one end terminal at either end of the resistance element or with terminals at both ends of the element. Insulated Construction — The contactor is insulated from the base and connected to the center terminal on the insulated construction. This construction can be supplied with the center terminal and one end terminal at either end of the resistance element or with the center terminal and terminals at both ends of the resistance element. Rotational Torque 1/2 to 10 in-oz. (36 – 720 gf-cm) 4 in-oz. (4.6 Kgf-cm) Features Stop Strength 1 - 3 © 2006 CTS Corporation. All rights reserved. Information subject to change. 9/30/06 CTS Electronic Components www.ctscorp.com • RoHS compliant |
Similar Part No. - 115GT300C101A1 |
|
Similar Description - 115GT300C101A1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |