Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V43728S04VCTG-75 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V43728S04VCTG-75
Description  3.3 VOLT 8M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V43728S04VCTG-75 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V43728S04VCTG-75 Datasheet HTML 1Page - Mosel Vitelic, Corp V43728S04VCTG-75 Datasheet HTML 2Page - Mosel Vitelic, Corp V43728S04VCTG-75 Datasheet HTML 3Page - Mosel Vitelic, Corp V43728S04VCTG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V43728S04VCTG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V43728S04VCTG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V43728S04VCTG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V43728S04VCTG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V43728S04VCTG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
V43728S04V(C)TG-75 Rev. 1.2 September 2000
MOSEL VITELIC
V43728S04V(C)TG-75
Serial Presence Detect Information
A serial presence detect storage device -
E2PROM
-
is
assembled
onto
the
module.
Information about the module configuration, speed,
etc. is written into the E2PROM device during
module production using a serial presence detect
protocol (I2C synchronous 2-wire bus)
SPD-Table for PC133 modules:
Byte Number
Function Described
SPD Entry Value
Hex Value
8Mx72
0
Number of SPD bytes
128
80
1
Total bytes in Serial PD
256
08
2
Memory Type
SDRAM
04
3
Number of Row Addresses (without BS bits)
12
0C
4
Number of Column Addresses (for x8 SDRAM)
9
09
5
Number of DIMM Banks
1
01
6
Module Data Width
72
48
7
Module Data Width (continued)
0
00
8
Module Interface Levels
LVTTL
01
9
SDRAM Cycle Time at CL=3
7.5 ns
75
10
SDRAM Access Time from Clock at CL=3
5.4 ns
54
11
Dimm Config (Error Det/Corr.)
ECC
02
12
Refresh Rate/Type
Self-Refresh, 15.6
µs
80
13
SDRAM width, Primary
x8
08
14
Error Checking SDRAM Data Width
n/a / x8
08
15
Minimum Clock Delay from Back to Back Random
Column Address
tccd = 1 CLK
01
16
Burst Length Supported
1, 2, 4, 8 & full Page
8F
17
Number of SDRAM Banks
4
04
18
Supported CAS Latencies
CL = 3
04
19
CS Latencies
CS Latency = 0
01
20
WE Latencies
WL = 0
01
21
SDRAM DIMM Module Attributes
Non Buffered/Non Reg.
00
22
SDRAM Device Attributes: General
Vcc tol
± 10%
0E
23
Minimum Clock Cycle Time at CAS Latency = 2
Not Supported
00
24
Maximum Data Access Time from Clock for CL = 2
Not Supported
00
25
Minimum Clock Cycle Time at CL = 1
Not Supported
00
26
Maximum Data Access Time from Clock at CL = 1
Not Supported
00
27
Minimum Row Precharge Time
20 ns
14
28
Minimum Row Active to Row Active Delay tRRD
15 ns
0F
29
Minimum RAS to CAS Delay tRCD
20 ns
14
30
Minimum RAS Pulse Width tRAS
45 ns
2D


Similar Part No. - V43728S04VCTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
More results

Similar Description - V43728S04VCTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V437216S04VCTG-10PC MOSEL-V437216S04VCTG-10PC Datasheet
67Kb / 11P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com