Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0805ZC105FAT4A Datasheet(PDF) 4 Page - AVX Corporation

Part # 0805ZC105FAT4A
Description  Multilayer Ceramic Chip Capacitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805ZC105FAT4A Datasheet(HTML) 4 Page - AVX Corporation

  0805ZC105FAT4A Datasheet HTML 1Page - AVX Corporation 0805ZC105FAT4A Datasheet HTML 2Page - AVX Corporation 0805ZC105FAT4A Datasheet HTML 3Page - AVX Corporation 0805ZC105FAT4A Datasheet HTML 4Page - AVX Corporation 0805ZC105FAT4A Datasheet HTML 5Page - AVX Corporation 0805ZC105FAT4A Datasheet HTML 6Page - AVX Corporation 0805ZC105FAT4A Datasheet HTML 7Page - AVX Corporation 0805ZC105FAT4A Datasheet HTML 8Page - AVX Corporation 0805ZC105FAT4A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
3
How to Order
Part Number Explanation
EXAMPLE: 08055A101JAT2A
0805
Size
(L" x W")
0402
0504
0603
0805
1005
0907
1206
1210
1505
1805
1808
1812
1825
2225
3640
5
Voltage
10V = Z
16V = Y
25V = 3
50V = 5
100V = 1
200V = 2
250V = V
500V = 7
600V = C
1000V = A
1500V = S
2000V = G
2500V = W
3000V = H
4000V = J
5000V = K
A
Dielectric
C0G (NP0) = A
X7R = C
X5R = D
Z5U = E
Y5V = G
101
Capacitance
Code
(2 significant
digits + no. of
zeros)
Examples:
J
Capacitance
Tolerance
A
Failure
Rate
A = Not
Applicable
T
Terminations
2A
Special**
Code
10 pF = 100
100 pF = 101
1,000 pF = 102
22,000 pF = 223
220,000 pF = 224
1 µF = 105
C = ±.25 pF*
D = ±.50 pF*
F = ±1% (
≥ 25 pF)
G = ±2% (
≥ 13 pF)
J = ±5%
K = ±10%
M = ±20%
Z = +80%, -20%
P = +100%, -0%
Others:
7 = Bulk Cassette
9 = Bulk
* C&D tolerances for
10 pF values.
** Standard Tape and Reel material depends upon chip size and thickness.
See individual part tables for tape material type for each capacitance value.
Note: Unmarked product is standard. Marked product is available on special request, please contact AVX.
Standard packaging is shown in the individual tables.
Non-standard packaging is available on special request, please contact AVX.
Standard:
T = Ni and Tin
Plated
A = Standard
Product
Non-Standard
P = Embossed
unmarked
M = Embossed
marked
E = Standard
packaging
marked
Low Profile
Chips Only
Max. Thickness
T = .66mm (.026")
S = .56mm (.022")
R = .46mm (.018")
For values below 10 pF,
use “R” in place of
decimal point, e.g., 9.1
pfd = 9R1.
Recommended:
2 =7" Reel
4 =13" Reel
Others:
7 = Plated Ni
Gold Plated
1 = Pd/Ag
Packaging**


Similar Part No. - 0805ZC105FAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC105JAT2A AVX-0805ZC105JAT2A Datasheet
160Kb / 5P
   General Specifications
0805ZC105JAT4A AVX-0805ZC105JAT4A Datasheet
160Kb / 5P
   General Specifications
0805ZC105KA72A AVX-0805ZC105KA72A Datasheet
160Kb / 5P
   General Specifications
logo
Analog Devices
0805ZC105KAT2A AD-0805ZC105KAT2A Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
AVX Corporation
0805ZC105KAT2A AVX-0805ZC105KAT2A Datasheet
160Kb / 5P
   General Specifications
More results

Similar Description - 0805ZC105FAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com