Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP062S-SM Datasheet(PDF) 2 Page - CTS Corporation

Part # MP062S-SM
Description  Quartz Crystal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

MP062S-SM Datasheet(HTML) 2 Page - CTS Corporation

  MP062S-SM Datasheet HTML 1Page - CTS Corporation MP062S-SM Datasheet HTML 2Page - CTS Corporation MP062S-SM Datasheet HTML 3Page - CTS Corporation MP062S-SM Datasheet HTML 4Page - CTS Corporation MP062S-SM Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document No. 008-0308-0
Page 2 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
MP Series
Low Cost Quartz Crystal
ADDITIONAL PART NUMBERS AVAILABLE FROM CTS
MP
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
MP043
4.032000
22 pF
Fundamental
MP050
5.068800
Series
Fundamental
MP051
5.185000
20 pF
Fundamental
MP057
5.714300
Series
Fundamental
MP057A
5.714300
20 pF
Fundamental
MP062
6.250000
30 pF
Fundamental
MP064
6.400000
20 pF
Fundamental
MP065
6.553600
20 pF
Fundamental
MP180
18.000000
Series
Fundamental
MP270
27.000000
Series
3RD Overtone
MP360
36.000000
Series
3RD Overtone
MP400
40.000000
20 pF
3RD Overtone
MP480
48.000000
Series
3RD Overtone
Contact your local CTS Representative or CTS Customer Service for availability.
ADDITIONAL ORDERING INFORMATION
Available Standard Product Options
MP
FREQUENCY
Product Frequency Code. Refer to
Product Part Number Tables.
-
INS - Insulation Spacer
SLV - Insulating Sleeve
TW - Hold Down Top Wire
SM - Surface Mount Lead Form
1 - Tape and Reel (SM Product Option Only) *
2 - Radial Taping (Ammopak) *
PRODUCT OPTIONS
This space be an 'A', 'B' or 'S' depending on
frequency code selected.
ADDITIONAL FREQUENCY CODE
* Standard packaging is bulk in a bag.
NON-Standard Ordering Options
Custom performance characteristics and lead trim requirements available upon request. Use form C052 to detail non-standard parameters.
Contact your local CTS Representative or CTS Customer Service for assistance.


Similar Part No. - MP062S-SM

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP06238 GOLLEDGE-MP06238 Datasheet
276Kb / 6P
   SAW Filter 388.50MHz
MP06264 GOLLEDGE-MP06264 Datasheet
112Kb / 5P
   SAW Filter: 772.0MHz
MP06273 GOLLEDGE-MP06273 Datasheet
159Kb / 6P
   SAW Filter 1191.80MHz
MP06286 GOLLEDGE-MP06286 Datasheet
206Kb / 6P
   SAW Filter 1575.50MHz
MP06292 GOLLEDGE-MP06292 Datasheet
150Kb / 1P
   Real Time Clock
More results

Similar Description - MP062S-SM

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com