Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA74S18-40 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CA74S18-40
Description  Ultra Wide Input Voltage Range, Low Profile
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CA74S18-40 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CA74S18-40 Datasheet HTML 1Page - Wall Industries,Inc. CA74S18-40 Datasheet HTML 2Page - Wall Industries,Inc. CA74S18-40 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CA SERIES
25 TO 40 WATTS
WWW
.WALLINDUSTRIES.COM
1
603 778 2300
25 TO 40 WATTS - CA SERIES
Ultra Wide Input Voltage Range, Low Profile
FEATURES
Ultra-Wide Input Voltage Range (4:1)
LC Input Filter for Low Reflected Ripple Current
Regulated Outputs
Thermal Shutdown with Auto-Recovery
Current Limiting Short Circuit Protection
500VDC min. I/O Isolation
Industry Standard Package and Pin-Out
Industrial temperature grade also available
THE CA SERIES FROM WALL INDUSTRIES
The CA Series of single, dual and triple output DC/DC con-
verters performs over an ultra-wide input voltage range (4:1),
providing indefinite short circuit and overvoltage protection.
Without a heatsink, the CA Series’ design technology allows
for up to 40 watts output power from a 3.0 x 3.0 x 0.40”
case. These current mode control forward converters are
designed for improved transient response and reduced
stress on switching components.
SPECIFICATIONS: CA SERIES
All specifications apply @ +25 C ambient unless otherwise
noted.
INPUT SPECIFICATIONS
Input Voltages......................4.5-9,9-36, 18-75, 55-110VDC
Nominal Input...........................................5, 24, 48, 74VDC
Input Filter......................................................LC input filter
Remote On/Off Control........................Open Collector TTL
OUTPUT SPECIFICATIONS
Output Current......................................................see table
Voltage Tolerance....................±1% primary, ±2% auxiliary
Output Trim (external).........................±10% (primary only)
Line Regulation...........................................................0.5%
Load Regulation..........................±1% singles (see note 5)
Ripple/Noise (20MHz BW)..................................75mV p-p
Transient Response............<200u sec to within ±1% Vout
GENERAL SPECIFICATIONS
Efficiency...........................................................80% typical
.............5VDC in................................................75% typical
Isolation Voltage (input to output)...................500VDC min.
Isolation Resistance (input to output)...............500MOhms
Switching Frequency...................................250kHz(typical)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature (ambient).......-25 to 85%°C (case)
Storage Temperature.....................................-55 to +100°C
Temperature Coefficient.........................0.02% per °C max.
Humidity (non-condensing).......................20% to 95% R.H.
PHYSICAL SPECIFICATIONS
Shielding...............................................................Six-sided
Weight..........................................................approx. 4.0 oz.
Case Material.......................................Black coated metal,
...................................................non-conductive base plate
Due to advances in technology, specifications subject to
change without notice.
11/29/01


Similar Part No. - CA74S18-40

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA74 MACOM-CA74 Datasheet
375Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
CA74-1 MACOM-CA74-1 Datasheet
352Kb / 2P
   Cascadable Amplifier 5 to 250 MHz
CA74-2 MACOM-CA74-2 Datasheet
351Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
Intersil Corporation
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Harris Corporation
CA741 HARRIS-CA741 Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
More results

Similar Description - CA74S18-40

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
logo
MORNSUN Science& Techno...
PV15-29B05L MORNSUN-PV15-29B05L Datasheet
1Mb / 4P
   Ultra wide input voltage range
PV40-29B12 MORNSUN-PV40-29B12 Datasheet
1Mb / 6P
   Ultra wide input voltage range
logo
Wall Industries,Inc.
MRW20 WALL-MRW20 Datasheet
626Kb / 9P
   Ultra-Wide Input Range
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com