Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

115GR300C501A1 Datasheet(PDF) 3 Page - CTS Corporation

Part # 115GR300C501A1
Description  Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

115GR300C501A1 Datasheet(HTML) 3 Page - CTS Corporation

  115GR300C501A1 Datasheet HTML 1Page - CTS Corporation 115GR300C501A1 Datasheet HTML 2Page - CTS Corporation 115GR300C501A1 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type 117R, Rivet Ear Mounted
DIMENSION:
mm
INCH
MTG. SURFACE
11.51
6.76
9.93
8.33
18.26
SLOTS 1.57X4.72
END C.C.W
ROT.
ROT.
2 CROSS
END C.W
270° ROT.
.328
.391
.453
.266
1.57
.062
.062X.186
45°
45°
.312
7.92
CENTER TERMINAL SUPPLIED WITH INSULATED CONTACT ARM CONSTRUCTION.
OMITTED ON GROUNDED CONTACT ARM CONSTRUCTION.
.719
6.35
1.57
.062
19.84
.781
MOUNTING PANEL
1.57
.062
1
2
3
1.000
25.4
31.75
1.250
3.45±0.08 DIA.
.136±.003
2HOLES
9.93
.391
TERMINALS 1.98
.078
WIDE X 0.36
.014
OPTIONAL PC TERMINAL
POSITION PERPENDICULAR
TO MTG. SURFACE
.250
12.7±0.05
.500±.002
25.4±0.05
1.000±.002
R8.64
.340R.
40°
40°
3.45±0.08 DIA.
.136±.003
2 HLS.
DIA. OF HLS. TO SUIT
TERMINAL CLEARANCE.
(IF TERMINALS PENETRATE
CHASSIS.)
RESIST
TOLERANCE
A – ±10%
B – ±20%
D – ± 5%
LOCATING
LUG
3 – NONE
SHAFT
LENGTH
00 – NO SHAFT
SHAFT TRIM
C – CROSS
SLOT
SERIES MOUNTING
DESIGNATION
115 – PC MOUNT
OR TWIST TAB
116 – EAR
117 – RIVET EAR
TERMINAL STYLE
J – INSULATED
CONSTRUCTION
G – GROUNDED
CONSTRUCTION
Ordering Information
115
G
P
3
00
C
103
B
1
TAPER
1 – LINEAR
MOUNTING
STYLE
T – TWIST TAB
P – PC
E – EAR
R – RIVET EAR
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
5A0
5 OHMS
500
50
101
100
501
500
102
1K
252
2.5K
502
5K
103
10K
203
20K
3 - 3
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 115GR300C501A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GR300C501A1 CTS-115GR300C501A1 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
More results

Similar Description - 115GR300C501A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
   Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
TE Connectivity Ltd
154N TEC-154N Datasheet
144Kb / 5P
   19mm Diameter Package
logo
CTS Corporation
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
   Commercial Grade Power Axial Wirewound Resistor
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com