Electronic Components Datasheet Search |
|
SMP50-130 Datasheet(PDF) 7 Page - STMicroelectronics |
|
SMP50-130 Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 8 page SMP50-xxx 7/8 TEST CIRCUIT 3 for IH PARAMETERS. R VBAT = - 48 V Surge generator D.U.T This is a GO-NO GO test which allows to confirm the holding current (IH) level in a functional test circuit. TEST PROCEDURE : - Adjust the current level at the IH value by short circuiting the D.U.T. - Fire the D.U.T. with a surge current : Ipp = 10A, 10/1000 µs. - The D.U.T. will come back to the off-state within 50 ms max. PACKAGE MECHANICAL DATA SMA (JEDEC DO-214AC) REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A1 1.90 2.70 0.075 0.106 A2 0.05 0.20 0.002 0.008 b 1.25 1.65 0.049 0.065 c 0.15 0.41 0.006 0.016 E 4.80 5.60 0.189 0.220 E1 3.95 4.60 0.156 0.181 D 2.25 2.95 0.089 0.116 L 0.75 1.60 0.030 0.063 2.40 1.45 1.45 (0.057) (0.094) (0.057) FOOT PRINT in millimeters (in inches) E C L E1 D A1 A2 b |
Similar Part No. - SMP50-130 |
|
Similar Description - SMP50-130 |