Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8177 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8177
Description  500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8177 Datasheet(HTML) 4 Page - Analog Devices

  AD8177 Datasheet HTML 1Page - Analog Devices AD8177 Datasheet HTML 2Page - Analog Devices AD8177 Datasheet HTML 3Page - Analog Devices AD8177 Datasheet HTML 4Page - Analog Devices AD8177 Datasheet HTML 5Page - Analog Devices AD8177 Datasheet HTML 6Page - Analog Devices AD8177 Datasheet HTML 7Page - Analog Devices AD8177 Datasheet HTML 8Page - Analog Devices AD8177 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD8177
Rev. 0 | Page 4 of 40
Parameter
Conditions
Min
Typ
Max
Unit
SWITCHING CHARACTERISTICS
Enable On Time
50% UPDATE to 50% output
80
ns
Switching Time, 2 V Step
50% UPDATE to 50% output
70
ns
POWER SUPPLIES
Supply Current
VPOS, outputs enabled, no load
460
mA
Outputs disabled
290
mA
VNEG, outputs enabled, no load
460
mA
Outputs disabled
290
mA
DVDD, outputs enabled, no load
4
mA
Supply Voltage Range
VPOS − VNEG
4.5 to 5.5
V
VDD to DGND
3.3 to 5.5
V
PSR
ΔVOUT, DM/ΔVPOS, ΔVPOS = ±0.5 V
−55
dB
ΔVOUT, DM/ΔVNEG, ΔVNEG = ±0.5 V
−55
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40 to +85
°C
θJA
Operating (still air)
15
°C/W


Similar Part No. - AD8177

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8177 AD-AD8177_15 Datasheet
851Kb / 40P
   Video Crosspoint Switch
REV. 0
More results

Similar Description - AD8177

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8178 AD-AD8178 Datasheet
829Kb / 40P
   450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
   475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8112 AD-AD8112 Datasheet
527Kb / 28P
   Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com