Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62C15IRGCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62C15IRGCR
Description  Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62C15IRGCR Datasheet(HTML) 4 Page - Texas Instruments

  ADS62C15IRGCR Datasheet HTML 1Page - Texas Instruments ADS62C15IRGCR Datasheet HTML 2Page - Texas Instruments ADS62C15IRGCR Datasheet HTML 3Page - Texas Instruments ADS62C15IRGCR Datasheet HTML 4Page - Texas Instruments ADS62C15IRGCR Datasheet HTML 5Page - Texas Instruments ADS62C15IRGCR Datasheet HTML 6Page - Texas Instruments ADS62C15IRGCR Datasheet HTML 7Page - Texas Instruments ADS62C15IRGCR Datasheet HTML 8Page - Texas Instruments ADS62C15IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
RECOMMENDED OPERATING CONDITIONS
ADS62C15
SLAS577B – JANUARY 2008 – REVISED MAY 2008 ........................................................................................................................................................ www.ti.com
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
Analog supply voltage, AVDD
3
3.3
3.6
V
VSS
CMOS interface
1.65
1.8 to 3.3
3.6
Digital supply voltage, DRVDD
V
LVDS interface
3.0
3.3
3.6
ANALOG INPUTS
Differential input voltage range
2
VPP
Input common-mode voltage
1.5 ± 0.1
V
Voltage applied on CM in external reference mode
1.5 ±0.05
V
CLOCK INPUT
Fs
Input clock sample rate
1
125
MSPS
Sine wave, ac-coupled
0.4
3
LVPECL, ac-coupled
1.6
VPP
Input clock amplitude differential
(VCLKP–VCLKM)
LVDS, ac-coupled
0.7
LVCMOS, single-ended, ac-coupled
3.3
V
Input clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
Default
For CLOAD ≤ 5 pF and DRVDD ≥ 2.2 V
strength
Maximum
Output buffer drive strength(1)
For CLOAD ≥ 5 pF and DRVDD ≥ 2.2 V
strength
Maximum
For DRVDD < 2.2 V
strength
CMOS interface
5
Maximum external load
CLOAD
capacitance from each output pin
LVDS interface, without internal termination
5
pF
to DRGND
LVDS interface, with 100
Ω internal termination
10
RLOAD
Differential load resistance between the LVDS output pairs (LVDS mode)
100
TA
Operating free-air temperature
–40
85
°C
(1)
See the Output buffer strength programmability in application section
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS62C15


Similar Part No. - ADS62C15IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C15IRGCR TI-ADS62C15IRGCR Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15IRGCRG4 TI-ADS62C15IRGCRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Similar Description - ADS62C15IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com