Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24380DSGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24380DSGR
Description  Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24380DSGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24380DSGR Datasheet HTML 6Page - Texas Instruments BQ24380DSGR Datasheet HTML 7Page - Texas Instruments BQ24380DSGR Datasheet HTML 8Page - Texas Instruments BQ24380DSGR Datasheet HTML 9Page - Texas Instruments BQ24380DSGR Datasheet HTML 10Page - Texas Instruments BQ24380DSGR Datasheet HTML 11Page - Texas Instruments BQ24380DSGR Datasheet HTML 12Page - Texas Instruments BQ24380DSGR Datasheet HTML 13Page - Texas Instruments BQ24380DSGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Start-Up Short-Circuit Protection
Enable Function
Fault Indication
bq24380
bq24381
SLUS805A – APRIL 2008 – REVISED MAY 2008 .............................................................................................................................................................. www.ti.com
The bq2438x features overload current protection during start-up. The condition 1 in Figure 18 illustrates start-up
into an overload condition. If after the eight soft-start steps are complete, and the current limit is exceeded, the IC
initiates a short-circuit check timer (tCHK(SC)). During this check, the current is clamped to IO(SC). If the 5-ms
tCHK(SC) timer expires and the current remains clamped by the current limit, the internal pass FET is turned off
using the soft-stop method, FAULT is pulled low and the tREC(SC) timer begins. Once the tREC(SC) timer expires,
FAULT becomes high impedance and the soft-start sequence restarts. The device repeats the start/fail sequence
until the overload condition is removed. Once the overload condition is removed, the current limit circuitry is
disabled and the device enters normal operation. Additionally, if the current is not limited after the completion of
the soft-start sequence, the tCHK(SC) timer does not start and the current limit circuitry is disabled for normal
operation.
The IC has an enable pin which is used to enable and disable the device. Connect the CE pin high to turn off the
internal pass FET. Connect the CE pin low to turn on the internal pass FET and enter the start-up routine. The
CE pin has an internal pulldown resistor and can be left unconnected. The FAULT pin is high impedance when
the CE pin is high.
The FAULT pin is an active-low, open-drain output. It is in a high-impedance state when operating conditions are
safe, or when the device is disabled by setting CE high. With CE low, the FAULT pin goes low whenever any of
these events occurs:
1. Output short-circuit at power-on
2. Input overvoltage
3. Battery overvoltage
4. IC overtemperature
See Figure 18 for an example of FAULT conditions during these events. Connect the FAULT pin to the desired
logic level voltage rail through a resistor between 1 k
Ω and 50 kΩ.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): bq24380 bq24381


Similar Part No. - BQ24380DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380DSGR TI-BQ24380DSGR Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGR TI1-BQ24380DSGR Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
BQ24380DSGRG4 TI-BQ24380DSGRG4 Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
More results

Similar Description - BQ24380DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24382 TI-BQ24382 Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com