Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24380DSGR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24380DSGR
Description  Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24380DSGR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24380DSGR Datasheet HTML 7Page - Texas Instruments BQ24380DSGR Datasheet HTML 8Page - Texas Instruments BQ24380DSGR Datasheet HTML 9Page - Texas Instruments BQ24380DSGR Datasheet HTML 10Page - Texas Instruments BQ24380DSGR Datasheet HTML 11Page - Texas Instruments BQ24380DSGR Datasheet HTML 12Page - Texas Instruments BQ24380DSGR Datasheet HTML 13Page - Texas Instruments BQ24380DSGR Datasheet HTML 14Page - Texas Instruments BQ24380DSGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
APPLICATION INFORMATION
Selection of R(BAT)
Selection of R(CE)
Selection of Input and Output Bypass Capacitors
PCB Layout Guidelines
bq24380
bq24381
www.ti.com .............................................................................................................................................................. SLUS805A – APRIL 2008 – REVISED MAY 2008
It is recommended that the battery not be tied directly to the VBAT pin of the device, as under some failure
modes of the IC, the voltage at the IN pin may appear on the VBAT pin. This voltage can be as high as 30 V,
and applying 30 V to the battery may cause failure of the device and can be hazardous. Connecting the VBAT
pin through R(BAT) prevents a large current from flowing into the battery in the event of failure. For safety, R(BAT)
must have a high value. The problem with a large R(BAT) is that the voltage drops across the resistor because of
the VBAT bias current, I(VBAT), which causes an error in the BVOVP threshold. This error is over and above the
tolerance on the nominal 4.35-V BVOVP threshold.
Choosing R(BAT) in the range of 100 kΩ to 470 kΩ is a good compromise. If the IC fails with R(BAT) equal to 100
k
Ω, the maximum current flowing into the battery would be (30 V – 3 V)
÷ 100 kΩ = 246 µA, which is low enough
to be absorbed by the bias currents of the system components. R(BAT) equal to 100 kΩ results in a worst-case
voltage drop of R(BAT) × I(VBAT) ≈ 1 mV. This is negligible compared to the internal tolerance of 50 mV on the
BVOVP threshold.
If the Bat-OVP function is not required, the VBAT pin must be connected to VSS.
The CE pin can be used to enable and disable the IC. If host control is not required, the CE pin can be tied to
ground or left unconnected, permanently enabling the device.
In applications where external control is required, the CE pin can be controlled by a host processor. As with the
VBAT pin (see previous discussion), the CE pin must be connected to the host GPIO pin through as large a
resistor as possible. The limitation on the resistor value is that the minimum VOH of the host GPIO pin less the
drop across the resistor must be greater than VIH of the bq2430x CE pin. The drop across the resistor is given by
R(CE) × IIH.
The input capacitor CIN in Figure 17 is for decoupling and serves an important purpose. Whenever a step change
downwards in the system load current occurs, the inductance of the input cable causes the input voltage to spike
up. CIN prevents the input voltage from overshooting to dangerous levels. It is recommended that a ceramic
capacitor of at least 1
µF be used at the input of the device. It must be located in close proximity to the IN pin.
COUT in Figure 17 is also important. During an overvoltage transient, this capacitance limits the output overshoot
until the power FET is turned off by the overvoltage protection circuitry. COUT must be a ceramic capacitor of at
least 1
µF, located close to the OUT pin. C
OUT also serves as the input decoupling capacitor for the charging
circuit downstream of the protection IC.
1. This device is a protection device and is meant to protect down-stream circuitry from hazardous voltages.
Potentially, high voltages may be applied to this IC. It has to be ensured that the edge-to-edge clearances of
PCB traces satisfy the design rules for the maximum voltages expected to be seen in the system.
2. The device uses SON packages with a PowerPAD™. For good thermal performance, the PowerPAD must
be thermally coupled with the PCB ground plane. In most applications, this requires a copper pad directly
under the IC. This copper pad should be connected to the ground plane with an array of thermal vias.
3. CIN and COUT should be located close to the IC. Other components like R(BAT) should also be located close to
the IC.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24380 bq24381


Similar Part No. - BQ24380DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380DSGR TI-BQ24380DSGR Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGR TI1-BQ24380DSGR Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
BQ24380DSGRG4 TI-BQ24380DSGRG4 Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
More results

Similar Description - BQ24380DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24382 TI-BQ24382 Datasheet
804Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com