Selected language     English  ▼


AM26C31CDBRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part No. AM26C31CDBRE4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
1
2
3
4
5
6
7
8
1A
1Y
1Z
G
2Z
2Y
2A
GND
V
CC
4A
4Y
4Z
G
3Z
3Y
3A
9
12
10
13
15
11
14
16
4
5
6
7
8
18
17
16
15
14
9
10 11 12 13
3
2
1
20 19
1Z
G
2Z
2Y
NC
NC – No internal connection
4Y
4Z
G
NC
3Z
AM26C31M. . .J OR W PACKAGE
AM26C31Q. . .D PACKAGE
AM26C31C. . .D, DB, OR NS PACKAGE
AM26C31I. . .D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
AM26C31M. . .FK PACKAGE
(TOP VIEW)
AM26C31
www.ti.com................................................................................................................................................... SLLS103M – DECEMBER 1990 – REVISED JUNE 2008
QUADRUPLE DIFFERENTIAL LINE DRIVER
• Meets or Exceeds the Requirements of
TIA/EIA-422-B and ITU Recommendation V.11
• Low Power, I
CC = 100 µA Typ
• Operates From a Single 5-V Supply
• High Speed, t
PLH = tPHL = 7 ns Typ
• Low Pulse Distortion, t
sk(p) = 0.5 ns Typ
• High Output Impedance in Power-Off
Conditions
• Improved Replacement for AM26LS31
• Available in Q-Temp Automotive
High-Reliability Automotive Applications
Configuration Control/Print Support
Qualification to Automotive Standards
The AM26C31 is a differential line driver with
complementary
outputs,
designed
to
meet
the
requirements of TIA/EIA-422-B and ITU (formerly
CCITT).
The
3-state
outputs
have
high-current
capability
for
driving
balanced
lines,
such
as
twisted-pair or parallel-wire transmission lines, and
they
provide
the
high-impedance
state
in
the
power-off
condition.
The
enable
functions
are
common to all four drivers and offer the choice of an
active-high (G) or active-low (G) enable input.
BiCMOS circuitry reduces power consumption without
sacrificing speed.
The AM26C31C is characterized for operation from 0°C to 70°C, the AM26C31I is characterized for operation
from –40°C to 85°C, the AM26C31Q is characterized for operation over the automotive temperature range of
–40°C to 125°C, and the AM26C31M is characterized for operation over the full military temperature range of
–55°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1990–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN55LBC172_07QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
MC3487_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
AM26C31_03QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
AM26LS31C_06QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
AM26LS31C_08QUADRUPLE DIFFERENTIAL LINE DRIVER 1 2 3 4 5 MoreTexas Instruments
ISL1540-52V Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
ISL1533Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
SN65LBC174A_07QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
ISL1541_06-52V Dual Channel Differential DSL Line Driver 1 2 Intersil Corporation
ISL1534Dual Channel Fixed Gain Differential DSL Line Driver 1 2 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl