Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHU3377 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHU3377
Description  W-band Multifunction: Multiplier / MPA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHU3377 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHU3377 Datasheet HTML 1Page - United Monolithic Semiconductors CHU3377 Datasheet HTML 2Page - United Monolithic Semiconductors CHU3377 Datasheet HTML 3Page - United Monolithic Semiconductors CHU3377 Datasheet HTML 4Page - United Monolithic Semiconductors CHU3377 Datasheet HTML 5Page - United Monolithic Semiconductors CHU3377 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHU3377
W-band Multiplier/MPA
Ref.: DSCHU33777082 - 23 Mar 07
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Assembly and Bias Configuration
L_in
µ-strip line
-V
+V
DC lines
>= 47pF
>= 47pF
L_out
µ-strip line
L_in
µ-strip line
-V
+V
DC lines
>= 47pF
>= 47pF
L_out
µ-strip line
This drawing shows an example of assembly and bias configuration. All the transistors
are internally self biased. An external chip capacitor of at least 47pF is necessary for the
positive and negative supply voltages.
For the RF pads the equivalent wire bonding inductance (diameter=25µm) have to be
according to the following recommendation.
Pin name
Equivalent inductance
Wire length (1)
IN
L_in ≤ 0.3 nH
≤ 0.4 mm
OUT
L_out ≤ 0.15 nH (2)
0.2 mm (2)
(1) This value is the total length including the necessary loop from pad to pad.
(2) For longer wire length or higher inductance, an external compensation is
required to match 50
Ω between OUT Pin and 0.15nH wire inductance plan. (For
example with a matching network on the substrate)
Chip backside must be RF grounded.


Similar Part No. - CHU3377

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU3377 UMS-CHU3377 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
More results

Similar Description - CHU3377

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
   W-band Multifunction Multiplier / MPA
CHU2277 UMS-CHU2277 Datasheet
159Kb / 7P
   W-band Multifunction : Multiplier / MPA
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
   W-band Multifunction : Multiplier / MPA
CHU3277 UMS-CHU3277 Datasheet
139Kb / 7P
   W-band Multi-function: Multiplier / MPA
CHV2240 UMS-CHV2240 Datasheet
352Kb / 8P
   Multifunction : K-band VCO and Q-band Multiplier
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
   Multifunction K-band VCO and Q-band Multiplier
logo
TriQuint Semiconductor
TGA4040 TRIQUINT-TGA4040 Datasheet
163Kb / 10P
   17 - 43GHz MPA/Multiplier
TGA4031-SM TRIQUINT-TGA4031-SM Datasheet
1Mb / 17P
   17 ??0 GHz MPA/Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com