Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ85A-TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # SMBJ85A-TR
Description  TRANSILTM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ85A-TR Datasheet(HTML) 6 Page - STMicroelectronics

  SMBJ85A-TR Datasheet HTML 1Page - STMicroelectronics SMBJ85A-TR Datasheet HTML 2Page - STMicroelectronics SMBJ85A-TR Datasheet HTML 3Page - STMicroelectronics SMBJ85A-TR Datasheet HTML 4Page - STMicroelectronics SMBJ85A-TR Datasheet HTML 5Page - STMicroelectronics SMBJ85A-TR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMBJxxxA-TR, CA-TR
6/6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Packaging : standard packaging is in tape and reel.
SOD15 = Standard packaging is in Film.
PACKAGE MECHANICAL DATA
SMB (Plastic)
D
E
E1
c
A1
A2
b
L
MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only).
1.52
2.75
2.3
1.52
FOOTPRINT DIMENSIONS (Millimeter)
SMD Plastic.
Weight : 0.12 g
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A1
1.90
2.15
2.45 0.075 0.085 0.096
A2
0.05
0.15
0.20 0.002 0.006 0.008
b
1.95
2.20 0.077
0.087
c
0.15
0.41 0.006
0.016
E
5.10
5.40
5.60 0.201 0.213 0.220
E1
4.05
4.30
4.60 0.159 0.169 0.181
D
3.30
3.60
3.95 0.130 0.142 0.156
L
0.75
1.15
1.60 0.030 0.045 0.063


Similar Part No. - SMBJ85A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ85A-TR STMICROELECTRONICS-SMBJ85A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ85A-TR STMICROELECTRONICS-SMBJ85A-TR Datasheet
133Kb / 10P
   Transil
SMBJ85A-TR STMICROELECTRONICS-SMBJ85A-TR Datasheet
131Kb / 10P
   Transil?
October 2010 Rev 10
More results

Similar Description - SMBJ85A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com