Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56301AG80 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # DSP56301AG80
Description  24-Bit Digital Signal Processor
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301AG80 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button DSP56301AG80 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56301AG80 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
DSP56301 Technical Data, Rev. 10
1-6
Freescale Semiconductor
Signals/Connections
1.5 External Memory Expansion Port (Port A)
Note:
When the DSP56301 enters a low-power stand-by mode (Stop or Wait), it releases bus mastership and tri-
states the relevant Port A signals: A[0–23], D[0–23], AA0/RAS0AA3/RAS3, RD, WR, BB, CAS, BCLK, and
BCLK
. If hardware refresh of external DRAM is enabled, Port A exits the Wait mode to allow the refresh to
occur and then returns to the Wait mode.
1.5.1
External Address Bus
1.5.2
External Data Bus
PINIT/NMI
Input
Input
PLL Initial/Non-Maskable Interrupt
During assertion of RESET, the value of PINIT/NMI is written into the PLL
Enable (PEN) bit of the PLL control register, determining whether the PLL is
enabled or disabled. After RESET deassertion and during normal instruction
processing, the PINIT/NMI Schmitt-trigger input is a negative-edge-triggered
Non-Maskable Interrupt (NMI) request internally synchronized to CLKOUT.
PINIT/NMI can tolerate 5 V.
Table 1-6.
External Address Bus Signals
Signal Name
Type
State During
Reset
Signal Description
A[0–23]
Output
Tri-stated
Address Bus
When the DSP is the bus master, A[0–23] specify the address for external
program and data memory accesses. Otherwise, the signals are tri-stated. To
minimize power dissipation, A[0–23] do not change state when external
memory spaces are not being accessed.
Table 1-7.
External Data Bus Signals
Signal Name
Type
State During
Reset
Signal Description
D[0–23]
Input/Output
Tri-stated
Data Bus
When the DSP is the bus master, D[0–23] provide the bidirectional data bus
for external program and data memory accesses. Otherwise, D[0–23] are tri-
stated.
Table 1-5.
Phase Lock Loop Signals (Continued)
Signal Name
Type
State During
Reset
Signal Description


Similar Part No. - DSP56301AG80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56301AG80 NXP-DSP56301AG80 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results

Similar Description - DSP56301AG80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com