Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56301AG100 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56301AG100
Description  24-Bit Digital Signal Processor
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56301AG100 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56301AG100 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56301AG100 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56301AG100 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56301AG100 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56301AG100 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56301AG100 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56301AG100 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56301AG100 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56301AG100 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
DSP56301 Technical Data, Rev. 10
1-4
Freescale Semiconductor
Signals/Connections
1.1 Power
1.2 Ground
Table 1-2.
Power Inputs
Power Name
Description
VCCP
PLL Power
Isolated power for the Phase Lock Loop (PLL). The voltage should be well-regulated and the input should be provided
with an extremely low impedance path to the VCC power rail.
VCCQ
Quiet Power
Isolated power for the internal processing logic. This input must be tied externally to all other chip power inputs. The
user must provide adequate external decoupling capacitors.
VCCA
Address Bus Power
Isolated power for sections of the address bus I/O drivers. This input must be tied externally to all other chip power
inputs. The user must provide adequate external decoupling capacitors.
VCCD
Data Bus Power
Isolated power for sections of the data bus I/O drivers. This input must be tied externally to all other chip power inputs.
The user must provide adequate external decoupling capacitors.
VCCN
Bus Control Power
Isolated power for the bus control I/O drivers. This input must be tied externally to all other chip power inputs. The user
must provide adequate external decoupling capacitors.
VCCH
Host Power
Isolated power for the HI32 I/O drivers. This input must be tied externally to all other chip power inputs. The user must
provide adequate external decoupling capacitors.
VCCS
ESSI, SCI, and Timer Power
Isolated power for the ESSI, SCI, and timer I/O drivers. This input must be tied externally to all other chip power inputs.
The user must provide adequate external decoupling capacitors.
Note:
These designations are package-dependent. Some packages connect all VCC inputs except VCCP to each other internally. On
those packages, all power input except VCCP are labeled VCC.
Table 1-3.
Grounds
Ground Name
Description
GNDP
PLL Ground
Ground dedicated for PLL use. The connection should be provided with an extremely low-impedance path to ground.
VCCP should be bypassed to GNDP by a 0.47 μF capacitor located as close as possible to the chip package.
GNDP1
PLL Ground 1
Ground dedicated for PLL use. The connection should be provided with an extremely low-impedance path to ground.
GNDQ
Quiet Ground
Isolated ground for the internal processing logic. This connection must be tied externally to all other chip ground
connections. The user must provide adequate external decoupling capacitors.
GNDA
Address Bus Ground
Isolated ground for sections of the address bus I/O drivers. This connection must be tied externally to all other chip
ground connections. The user must provide adequate external decoupling capacitors.
GNDD
Data Bus Ground
Isolated ground for sections of the data bus I/O drivers. This connection must be tied externally to all other chip ground
connections. The user must provide adequate external decoupling capacitors.


Similar Part No. - DSP56301AG100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56301AG100 NXP-DSP56301AG100 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results

Similar Description - DSP56301AG100

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
   24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
   24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
   24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
   24-Bit Digital Signal Processor
Rev. 4, 11/2002
logo
Motorola, Inc
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
   24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
   24-Bit Digital Signal Processor
Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com