Part Name
         Description
H11B1_08

 Optocoupler, Photodarlington Output, High Gain, with Base Connection ( 7 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 4 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83609
286
Rev. 1.5, 08-May-08
H11B1/H11B2/H11B3
Vishay Semiconductors
Optocoupler, Photodarlington Output,
High Gain, with Base Connection
Fig. 5 - Non-Saturated and Saturated hFE vs. Base Current
Fig. 6 - Low to High Propagation Delay vs.
Collector Load Resistance and LED Current
Fig. 7 - High to Low Propagation Delay vs.
Collector Load Resistance and LED Current
Fig. 8 - Switching Waveform
Fig. 9 - Switching Schematic
ih11b1_05
0.01
0.1
1
10
100
0
2000
4000
6000
8000
10000
VCE = 5 V
VCE = 1 V
Ib - Base Current (µA)
ih11b1_06
010
15
20
0
20
40
60
80
VCC = 5 V
Vth = 1.5 V
470
Ω
IF - LED Current (mA)
100
Ω
1.0 k
Ω
5
220
Ω
ih11b1_07
010
15
20
0
5
10
15
20
100
Ω
1 k
Ω
IF - LED Current (mA)
VCC = 5 V
Vth = 1.5 V
5
ih11b1_08
IF
tR
VO
tD
tS
tF
tPHL
tPLH
V
= 1.5 V
TH
ih11b1_09
V
O
R
L
V
CC = 10 V
I
F = 5 mA
F = 10 kHz,
DF = 50 %
1  2  3  4  5  6  7 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
H11D1_07Optocoupler Phototransistor Output With Base Connection High BVCER Voltage 1 2 3 4 5 MoreVishay Siliconix
IL205AT_05Optocoupler Phototransistor Output With Base Connection in SOIC-8 package 1 2 3 4 5 MoreVishay Siliconix
ILD32Optocoupler Photodarlington Output High Gain Dual Quad Channel 1 2 3 4 5 MoreVishay Siliconix
4N25Optocoupler Phototransistor Output With Base Connection 1 2 3 4 5 MoreVishay Siliconix
SFH608_08Optocoupler Phototransistor Output Low Input Current With Base Connection 5300 VRMS 1 2 3 4 5 MoreVishay Siliconix
SFH601_08Optocoupler Phototransistor Output with Base Connection 1 2 3 4 5 MoreVishay Siliconix
ISL29004Light-to-Digital Output Sensor with Address Selection High Sensitivity Gain Selection Interrupt Function and I2C Interface 1 2 3 4 5 MoreIntersil Corporation
6N135_08High Speed Optocoupler 1 MBd Phtotdiode with Transistor Output 1 2 3 4 5 MoreVishay Siliconix
ISL29010Light-to-Digital Output Sensor with High Sensitivity Gain Selection and I2C Interface 1 2 3 4 5 MoreIntersil Corporation
ISL29013Light-to-Digital Output Sensor with High Sensitivity Gain Selection Interrupt Function and I2C Interface 1 2 3 4 5 MoreIntersil Corporation

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl