Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5970D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L5970D
Description  Up to 1A step down switching regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970D Datasheet(HTML) 2 Page - STMicroelectronics

  L5970D Datasheet HTML 1Page - STMicroelectronics L5970D Datasheet HTML 2Page - STMicroelectronics L5970D Datasheet HTML 3Page - STMicroelectronics L5970D Datasheet HTML 4Page - STMicroelectronics L5970D Datasheet HTML 5Page - STMicroelectronics L5970D Datasheet HTML 6Page - STMicroelectronics L5970D Datasheet HTML 7Page - STMicroelectronics L5970D Datasheet HTML 8Page - STMicroelectronics L5970D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
L5970D
2/16
Contents
1
Pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1
Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.2
Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Typical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
5
Application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
6
Application ideas . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
7
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
8
Order code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


Similar Part No. - L5970D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
L5970D STMICROELECTRONICS-L5970D Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
488Kb / 21P
   2A switch step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
285Kb / 16P
   Up to 1A step down switching regulator
L5970D013 STMICROELECTRONICS-L5970D013 Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
More results

Similar Description - L5970D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
E-L5970D STMICROELECTRONICS-E-L5970D Datasheet
285Kb / 16P
   Up to 1A step down switching regulator
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com