Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

118GA320R5A0B1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 118GA320R5A0B1
Description  Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

118GA320R5A0B1 Datasheet(HTML) 1 Page - CTS Corporation

  118GA320R5A0B1 Datasheet HTML 1Page - CTS Corporation 118GA320R5A0B1 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Resistance Range
1 ohm through 20,000 ohms (linear taper)
Resistance Tolerance
Standard: ±20%
Special: ±10%
Power Rating, Watts
2 watts @ 55°C derated to no load @ 105°C,
linear taper, bushing mounted control on
steel panel 4"x4" x .050"
(101.6mm x 101.6mm x 1.27mm).
Voltage Rating
Terminals to mounting surface (insulated types only):
High pot test, one minute — 900 VAC
Operating Maximum — 500 VDC
Across end terminals:
Determined by resistance value and
wattage rating
Resistance Tapers
Standard: Linear
Taps Available
None
Incorporated Fixed Resistor
A fixed resistor can be incorporated at the end
of CW or CCW rotation to a minimum of 15% of
the total resistance value. The rotation is
shortened by an amount proportional to the ratio
of the fixed resistor to the total resistance value.
Angle of Rotation
Total Rotation: 270° ± 5°
Rotational Torque
Turning Torque: 1/2 to 10 in-oz. (36-720 gf-cm)
4 in-oz. (4.61 Kgf-cm)
®
Commercial 3/4"
(19.1mm) Diameter,
2-Watt, Wirewound
Variable Resisters
• Fully enclosed construction
• Long rotation life
• Optional grounded or insulated rotor
construction
• Incorporated fixed resistor available
• Available with nylon shaft
Series 118
Electrical and Mechanical Specifications
• Bushing mounting style
Features
Stop Strength
• RoHS compliant
1 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 118GA320R5A0B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
118 CTS-118 Datasheet
102Kb / 4P
   1?쓝1??Stratum 3E OCXO
logo
Renesas Technology Corp
118 RENESAS-118 Datasheet
916Kb / 126P
   RENESAS MCU
logo
Keystone Electronics Co...
118 KEYSTONE-118 Datasheet
303Kb / 2P
   CONTACT ON TAPE AND REEL
6.23.15
logo
Marl International Limi...
118-000-04-50 MARL-118-000-04-50 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
118-000-04-52 MARL-118-000-04-52 Datasheet
276Kb / 3P
   PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 118GA320R5A0B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
110 CTS-110 Datasheet
957Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
026 CTS-026 Datasheet
822Kb / 4P
   Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
Welwyn Components Limit...
SQP WELWYN-SQP Datasheet
77Kb / 2P
   Ceramic Case Resisters - Wirewound / Metal Oxide
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
026T220R103B1A1 CTS-026T220R103B1A1 Datasheet
2Mb / 4P
   Industrial 24mm Diameter 5 Watt, Wirewound Rotary Potentiometer
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com