Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

111XB501B1 Datasheet(PDF) 3 Page - CTS Corporation

Part # 111XB501B1
Description  Commercial 3/4inch (19mm) Diameter, 1 1/2 and 2 watt Wirewound Variable Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

111XB501B1 Datasheet(HTML) 3 Page - CTS Corporation

  111XB501B1 Datasheet HTML 1Page - CTS Corporation 111XB501B1 Datasheet HTML 2Page - CTS Corporation 111XB501B1 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type 111, Snap-In Mounted
Type 112, Eyelet or Rivet Mounted
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
246°
57°
57°
END C.C.W ROT
NO.1 TERM
.563
20.22
10.11
1.57
2.79
.055
°
0
4
°
0
4
.370
9
7
.
2
5
5
0
.
14.3
.796
.398
.062
.110
1.4
0
1
1
.
0
4
.
1
9.40
KNOB OPTIONAL
11.13
10.72
5.56
17.86
.438
.422
.703
.219
3.96
.156
1.57
.062
7.14
.281
5.54
.218
NO.3 TERM
END C.W ROT
.850
21.59
19.94
.785
SCREWDRIVER
ADJUSTMENT SLOT
MOUNTING PANEL
240°
57°
57°
END C.C.W ROT
NO.1 TERM
.563
14.3
KNOB OPTIONAL
11.13
.438
NO.3 TERM
END C.W ROT
SCREWDRIVER
ADJUSTMENT SLOT
TERM CLEARANCE.
DIA. OF HOLE TO SUIT
.136
Ø3.45
40°
40°
.340R.
R8.64
1.000
25.4
.500
12.7
40°
40°
9.53
.375
ROT.
25.4
31.75
1.000
1.25
.785
19.94
OPTIONAL TERM LOC. B
9.53
8.74
1.57
.375
.062
.344
.062
1.57
TERM LOC. A
TERMS
1.98/.078 X 0.4/.016
3.45
.136
MOUNTING PANEL
RESIST TOL
A – ±10%
B – ±20%
SERIES MOUNTING
DESIGNATION
110 – CLINCH EAR MOUNT
OR VERTICAL MOUNT
111 – SNAP-IN MOUNT
112 – EYELET MOUNT
TERMINAL STYLE
X – PC MOUNT (XPC-110 AND 112 ONLY)
U – PC TERMINALS FORMED TO FRONT
(110, 111, 112 ONLY)
M – PC TERMINALS FORMED TO FRONT
MEDIUM LENGTH (110 ONLY)
Ordering Information
110
TAPER
1 – LINEAR
KNOB OPTION
A – NO KNOB
B – .438" (11.1mm)
LONG KNOB
RESISTANCE CODE
EXAMPLES
CODERESISTANCE
5A0
5 OHMS
500
50
101
100
501
500
102
1K
252
2.5K
502
5K
103
10K
203
20K
D – ± 5%
U
A
103
B
1
3 - 3
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 111XB501B1

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
111 HONEYWELL-111 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Switchcraft, Inc.
111 SWITCH-111 Datasheet
94Kb / 5P
   1/4 ENCLOSED PHONE JACKS
logo
Aries Electronics, Inc.
111 ARIES-111 Datasheet
622Kb / 1P
   Protective Covers Ultrasonically-welded with Strain Relief
logo
Oscilent Corporation
111-000306-10 OSCILENT-111-000306-10 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
111-000306-20 OSCILENT-111-000306-20 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
More results

Similar Description - 111XB501B1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115GP300C103B1 CTS-115GP300C103B1 Datasheet
806Kb / 3P
   Commercial 3/4inch (19mm) Diameter, 2 watt Wirewound Variable Resistor
118GA332R103B1 CTS-118GA332R103B1 Datasheet
547Kb / 2P
   Commercial 3/4inch (19.1mm) Diameter, 2-Watt, Wirewound Variable Resisters
115 CTS-115 Datasheet
1Mb / 4P
   Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
RSG Electronic Componen...
RR4-S03-D03 RSG-RR4-S03-D03 Datasheet
153Kb / 3P
   3 Watt 2:1 regulated
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
   1/2 WATT
logo
Recom International Pow...
REM3-053.3S RECOM-REM3-053.3S Datasheet
463Kb / 6P
   3 Watt 2:1 & 4:1 DIP24 Single and Dual Output
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
   1/2 Watt and 1/4 Watt, 6mm dia. shaft
logo
RCD COMPONENTS INC.
135X-R10 RCD-135X-R10 Datasheet
47Kb / 1P
   PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com